Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP2050 Datasheet(PDF) 1 Page - Tripath Technology Inc.

Part # TP2050
Description  STEREO 50W (8廓) POWER STAGE
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TP2050 Datasheet(HTML) 1 Page - Tripath Technology Inc.

  TP2050 Datasheet HTML 1Page - Tripath Technology Inc. TP2050 Datasheet HTML 2Page - Tripath Technology Inc. TP2050 Datasheet HTML 3Page - Tripath Technology Inc. TP2050 Datasheet HTML 4Page - Tripath Technology Inc. TP2050 Datasheet HTML 5Page - Tripath Technology Inc. TP2050 Datasheet HTML 6Page - Tripath Technology Inc. TP2050 Datasheet HTML 7Page - Tripath Technology Inc. TP2050 Datasheet HTML 8Page - Tripath Technology Inc. TP2050 Datasheet HTML 9Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
1
TP2050– KL/1.0/07.05
TP2050
STEREO 50W (8
Ω) POWER STAGE
Tech nical I n for m ati o n
Re v i sion 1.0 – J u l y 2005
GEN E RA L DESCR I PTION
The TP2050 is a stereo power stage capable of 50W continuous average power per channel, Class-T
Digital Audio Power Amplifier using Tripath’s proprietary Digital Power Processing
TM technology. The
TP2050 can be coupled with a Class-T controller such as TC2000 or TC2001 to produce a high
quality stereo amplifier.
APPLICA T IONS
5.1-Channel DVD
Mini/Micro Component Systems
Home Theater
Stereo applications (6Ω / 8Ω)
Mono applications (4Ω)
BENEFITS
Single Supply Operation
Very High Efficiency
Wide Dynamic Range
Compact layout
FEA T UR ES
Class-T Architecture
High Output power
35W @ 6
Ω, < 1% THD+N
50W @ 8
Ω, < 3% THD+N
117W @ 4
Ω, < 10.0% THD+N (paralleled outputs)
Audiophile Quality Sound
0.007% THD+N @ 30W 8
Ω
0.005% THD+N @ 70W 4
Ω (paralleled outputs)
High Efficiency
92% @ 60W 8Ω
85% @ 46W 6Ω
89% @ 117W 4Ω
(paralleled outputs)
Dynamic Range >100 dB


Similar Part No. - TP2050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP205 ETC1-TP205 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
More results

Similar Description - TP2050

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STA530 STMICROELECTRONICS-STA530 Datasheet
278Kb / 17P
4 X 50W STEREO BASH POWER AMPLIFIER
Jul-2003
logo
National Semiconductor ...
LM4732 NSC-LM4732 Datasheet
861Kb / 22P
Stereo 50W Audio Power Amplifier with Mute
logo
Texas Instruments
TAS5152 TI-TAS5152 Datasheet
415Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
logo
Tripath Technology Inc.
TK2051 TRIPATH-TK2051 Datasheet
462Kb / 19P
STEREO 50W (8廓) CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP)
logo
Texas Instruments
TAS5142 TI-TAS5142 Datasheet
583Kb / 26P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132 Datasheet
388Kb / 23P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5142 TI-TAS5142_07 Datasheet
697Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132_0702 TI-TAS5132_0702 Datasheet
512Kb / 31P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5132 TI-TAS5132_15 Datasheet
667Kb / 27P
STEREO DIGITAL AMPLIFIER POWER STAGE
TAS5152 TI-TAS5152_15 Datasheet
558Kb / 30P
STEREO DIGITAL AMPLIFIER POWER STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com