Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W99685FS Datasheet(PDF) 2 Page - Winbond

Part # W99685FS
Description  SYSTEM CAMERA DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W99685FS Datasheet(HTML) 2 Page - Winbond

  W99685FS Datasheet HTML 1Page - Winbond W99685FS Datasheet HTML 2Page - Winbond W99685FS Datasheet HTML 3Page - Winbond W99685FS Datasheet HTML 4Page - Winbond W99685FS Datasheet HTML 5Page - Winbond W99685FS Datasheet HTML 6Page - Winbond W99685FS Datasheet HTML 7Page - Winbond W99685FS Datasheet HTML 8Page - Winbond W99685FS Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
W99685FS
- 2 -
1. GENERAL DESCRIPTION
W99685FS is a high performance and highly-integrated system camera device that it can preview,
capture, compress, store, and display the digital still images or playback a short period of live video.
This chip provide 8 or 16 Bits Host interface and easy for base band chip( Host ) to develop Camera
function through Command set protocol that allow the development of products without knowing any
W99685FS chip programming.
W99685FS Built-in 8-bit 8032 compatible uC with internal 16KB program RAM and 4K data RAM.
Program can be down load from Host bus interface. This chip also Built-in 2M byte frame buffer for
real-time video clip (MJPG) and burst snapshot. Support CCIR-656 8-bit YUV CMOS or CCD capture
sensor interface.
W99685FS Support up to dual LCD Panels interface with MCU type interface. Support TFT-LCD,
CSTN-LCD, STN-LCD Panel Types, If camera function is active, The host CPU can use W99685FS
as the bridge (display controller) to LCM. And it can provide multiple display buffers.
If camera function is disabled, the host CPU can use bypass mode to control the LCM directly for
maximum power saving.
W99685FS Support dual video pipes and double buffering for real-time motion JPEG, Support smooth
digital zoom of video pipes, different kinds of raw data formats for display, some popular image color
effects ( Black & White, Sepia, Negative, Solarize or Oil Painting), Video Rotation / Mirror / Flip for
capture and playback, Sticker maker, Comic Photo maker and smart frame rate control.
2. FEATURES
General
•
0.18um logic process
•
Core 1.8V
•
I/O 2.6V - 3.6V
•
Power consumption
− < 23mA for 160x120 @ 15 fps, 2.8V preview mode
− < 35mA for 160x120 @ 30fps, 2.8V preview mode
•
Support power-down mode
•
Support LCD bypass mode
•
Support GPIO pins for flash light control or else
•
Built-in smart processor to allow the development of products without knowing any W99685
chip programming. Minimum product design cycle time for fast time-to-market
• Built-in 8-bit 8032 compatible uC with internal 16KB program RAM and 4K data RAM
• Program can be down load from host interface.
• Built-in 2M bytes frame buffer for real-time video clip (M-JPEG) and burst snapshot.
• Support VGA/ Mega image resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com