Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W99685FS Datasheet(PDF) 21 Page - Winbond

Part # W99685FS
Description  SYSTEM CAMERA DEVICE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

W99685FS Datasheet(HTML) 21 Page - Winbond

Back Button W99685FS Datasheet HTML 14Page - Winbond W99685FS Datasheet HTML 15Page - Winbond W99685FS Datasheet HTML 16Page - Winbond W99685FS Datasheet HTML 17Page - Winbond W99685FS Datasheet HTML 18Page - Winbond W99685FS Datasheet HTML 19Page - Winbond W99685FS Datasheet HTML 20Page - Winbond W99685FS Datasheet HTML 21Page - Winbond W99685FS Datasheet HTML 22Page - Winbond  
Zoom Inzoom in Zoom Outzoom out
 21 / 22 page
background image
W99685FS
Publication Release Date: April 13, 2005
- 21 -
Revision A4
6. PACKAGE DIMENSION
6.1 108L LFBGA (8 x 8 mm, Ball pitch: 0.5 mm, Ø = 0.3 mm)
D 2
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com