Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS16G Datasheet(PDF) 2 Page - Applied Micro Circuits Corporation

Part # PRS16G
Description  Switch Fabric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRS16G Datasheet(HTML) 2 Page - Applied Micro Circuits Corporation

  PRS16G Datasheet HTML 1Page - Applied Micro Circuits Corporation PRS16G Datasheet HTML 2Page - Applied Micro Circuits Corporation PRS16G Datasheet HTML 3Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Overview
Product Brief
PRS 16G/C192
Switch Fabric
PB PRS 16G/C192 / v0.5 / 12-19-2003
2
Empowering Intelligent Networks
In conjunction with switch designs based
on PRS 64Gu or PRS Q-64G devices,
adapter cards implementing the PRS
C192 fabric interface can equip single-
stage switching systems offering today
up to 320 Gbps of user bandwidth.
The integration of self-switching and
fabric interface capabilities into a single
device provides system vendors with an
easy path to scale their platforms from
low-end boxes up to high-end, chassis-
based solutions capable of switching up
to 320 Gbps of aggregate full-duplex
user traffic, while optimizing and
protecting their line card design
investments.
This enables offerings that allow
operators to deploy entry versions of
their next-generation, chassis-based
platforms, while they are introducing
advanced IP-based services, for
example, merging data and voice over
Quality-of-Service (QoS)-aware
networks, implementing virtual private
networks (VPNs), or deploying security
applications closer to the end users.
Single-Chip or Two-Chip Switch
Fabric with Seamless Network
Processor Connection – PRS 16G
Functions
The PRS 16G/C192 switch fabric device
offers an economical solution that
enables the implementation of 10-20
Gbps systems.
A single chip operates as a 10-Gbps
full-duplex switch fabric providing 4x4
switch ports at 2.5-Gbps/OC-48c speed
with standard CSIX-L1 interface.
In a two chip configuration, the
PRS 16G/C192 can operate as an 8x8
port, 2.5-Gbps/OC-48c switch fabric,
thus offering an aggregate full-duplex
throughput of 20 Gbps.
As another two-chip configuration, one
of the devices can be configured with a
single 10-Gbps/OC-192c port with
standard CSIX interface so as to provide
the uplink aggregating the traffic of the
four 2.5-Gbps/OC-48c ports of the other
chip.
The chip features configurable fixed-size
packet switching and is capable of
supporting either frame-based traffic
(through segmentation and reassembly
performed by the attached network
processors) or cell-based traffic.
Robust Features
The following features provide design
flexibility:
• 10-Gbps (stand-alone chip) or
20-Gbps (back-to-back chips)
aggregate user bandwidth
• Four 2.5-Gbps/OC-48c NPU
attachments or one 10G/OC-192c
NPU attachment per chip
• Embedded standard CSIX-L1 interface
to Network Processor or Traffic
Manager
• Switch/adapter cards with seamless
connection between switch fabric chip
and NPU(s)
• Ingress Virtual Output Queuing (VOQ)
with up to 1024 unicast queues and
eight multicast queues
• Quality-of-Service (QoS) support with
four levels of traffic priority and four
programmable ingress queue
thresholds (ingress CSIX flow control
per destination and priority)
• Packet payload protection, with
optional cyclic redundancy check
insertion
• Packet header parity generation and
checking
• Efficient multicast (replication at
sending)
40-320 Gbps Switch Applications
GE
10G
Network
Processor
GE
PRS
PRS
1
0
1
0
1
0
1
0
Switch
Control
Switch
Control
Active
Switch
Protection
Switch
PRS 64Gu,
PRS Q-64G
CSIX
Switch Fabric
Switch Core (NxN)
Adapter
OC-12
1
OC-48
Network
Processor
OC-12
4
Fibre
Channel
OC-48
Network
Processor
Fibre
Channel
OC-48
Network
Processor
OC-48
Network
Processor
8 Links at
2.5 Gbps
8 Links at
2.5 Gbps
8 Links at
2.5 Gbps
8 Links at
2.5 Gbps
16 G
bps
16 Gbp
s
16G/C192
16G/C192
Adapter
CSIX



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com