Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PRS16G Datasheet(PDF) 1 Page - Applied Micro Circuits Corporation

Part # PRS16G
Description  Switch Fabric
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PRS16G Datasheet(HTML) 1 Page - Applied Micro Circuits Corporation

  PRS16G Datasheet HTML 1Page - Applied Micro Circuits Corporation PRS16G Datasheet HTML 2Page - Applied Micro Circuits Corporation PRS16G Datasheet HTML 3Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
–
Highlight s –
Product Brief
PRS 16G/C192
Switch Fabric
PB PRS 16G/C192 / v0.5 / 12-19-2003
Empowering Intelligent Networks
1
An Economical, Scalable
Switch Fabric Solution for
Advanced Services Applications
The PRS 16G/C192 switch fabric is a
multipurpose device designed to
operate as either a standalone
PRS 16G switch or a PRS C192 fabric
interface chip. It provides a flexible
solution to satisfy the demand of
applications offering 10-20 Gbps
aggregate user bandwidth, while
addressing the scalability needs of
product lines that offer bandwidth
ranges between 10-20 Gbps and
320 Gbps.
As a switch for 10-20 Gbps platforms,
the PRS 16G/C192 is an ideal solution
for cost-competitive, advanced
services applications, such as
medium-range routers for network
access/edge aggregation with
high-demanding packet processing;
remote location thin appliances for
firewall, SSL, VPN, security, intrusion
detection; data center server
appliances with deep packet
processing; NAS/SAN equipment;
and, more generally, service
applications requiring a 10-Gbps
uplink capability. All of these services
are running in the network processors
attached to the PRS 16G/C192 switch
ports.
As a fabric interface for linecards, the
PRS 16G/C192, enables switch/
adapter cards designed for
10-20 Gbps entry platforms to be used
as line cards in chassis-based
platforms addressing the higher
capacity needs of applications in the
Metro/WAN, wireless infrastructure,
and enterprise (data center, NAS/SAN,
high-end LAN).
Single-Chip Switch for
Network Access, Network
Edge, and Data Center
Applications
• Multipurpose device operating
as the switch fabric of thin
appliances, or the fabric
interface of chassis-based
adapter cards
• 10-Gbps full-duplex switch, with
standard network processor
interface, enabling single switch/
adapter card designs
• Fabric interface for linecards
with up to four 2.5-Gbps/OC-48c
network processors or one
10-Gbps/OC-192c network
processor
• Extended product line and
market coverage within same
proven AMCC PRS Packet
Routing Switch architecture and
technology
• Design commonalities across
products with a single device for
low-end and high-end systems
• Optimized investments with
common switch fabric skills and
design re-use across product
line
• Optimized cost solution for
advanced services applications
OC-48
Network
Processor
OC-48
Network
Processor
OC-48
Network
Processor
OC-48
Network
Processor
PRS
16G/C192
CSIX
Interfaces
2.5-Gbps/OC-48
4x OC-12
4x GE
Fibre Channel


Similar Part No. - PRS16G

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PRS11R BOURNS-PRS11R Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-215F-S103B1 BOURNS-PRS11R-215F-S103B1 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-N203A3 BOURNS-PRS11R-225F-N203A3 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-S103B1 BOURNS-PRS11R-225F-S103B1 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
PRS11R-225F-S203A3 BOURNS-PRS11R-225F-S203A3 Datasheet
766Kb / 4P
PRS11R - 11 mm Rotary Metal Shaft Potentiometer
Mar 31, 2015
More results

Similar Description - PRS16G

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM9311 PMC-PM9311 Datasheet
42Kb / 2P
Enhanced TT1TM Switch Fabric
PM9311 PMC-PM9311 Datasheet
5Mb / 343P
ENHANCED TT1??SWITCH FABRIC
logo
Broadcom Corporation.
BCM5670 BOARDCOM-BCM5670_1 Datasheet
129Kb / 2P
8-PORT, 160 Gbps SWITCH FABRIC
logo
Applied Micro Circuits ...
PRS5G AMCC-PRS5G Datasheet
276Kb / 4P
Switch Fabric
PRS80G AMCC-PRS80G Datasheet
349Kb / 4P
Switch Fabric
PRSQ-80G AMCC-PRSQ-80G Datasheet
368Kb / 4P
Switch Fabric
logo
OPLINK Communications I...
COSF OPLINK-COSF Datasheet
341Kb / 3P
Custom Optical Switch Fabric
logo
PMC-Sierra, Inc
PM9311-1 PMC-PM9311-1 Datasheet
43Kb / 2P
Enhanced TT1TM Switch Fabric
logo
Renesas Technology Corp
89TSF552 RENESAS-89TSF552 Datasheet
955Kb / 39P
Switch Fabric Data Sheet
June 17, 2005
89TSF500 RENESAS-89TSF500 Datasheet
878Kb / 38P
Switch Fabric
April 13, 2005
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com