Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405CR Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
Revision 1.02 – January 11, 2005
AMCC
13
Data Sheet
GPIO1[TS1E]
GPIO2[TS2E]
GPIO3[TS1O]
GPIO4[TS2O]
GPIO5[TS3]
GPIO6[TS4]
GPIO7[TS5]
GPIO8[TS6]
GPIO9[TrcClk]
B18
D16
C17
P18
T17
W18
Y19
W13
V6
System
26
Halt
E19
System
26
HoldAck
HoldPri
HoldReq
T4
T3
V2
External Master Peripheral
25
IICSCL
U15
Internal Peripheral
25
IICSDA
W17
Internal Peripheral
25
IRQ0[GPIO17]
IRQ1[GPIO18]
IRQ2[GPIO19]
IRQ3[GPIO20]
IRQ4[GPIO21]
IRQ5[GPIO22]
IRQ6[GPIO23]
D18
C20
E18
D20
G17
F18
W20
Interrupts
26
MemAddr0
MemAddr1
MemAddr2
MemAddr3
MemAddr4
MemAddr5
MemAddr6
MemAddr7
MemAddr8
MemAddr9
MemAddr10
MemAddr11
MemAddr12
Y7
W7
V8
U7
Y4
U6
W4
V5
W3
V4
U3
V1
T2
SDRAM
Note: During a CAS cycle MemAddr0 is the least significant bit (lsb) on this
bus.
23
MemClkOut0
MemClkOut1
H20
G18
SDRAM
23
Table 3. Signals Listed Alphabetically (Sheet 3 of 7)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com