Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405CR Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # PPC405CR
Description  PowerPC 405CR Embedded Processor
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405CR Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button PPC405CR Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405CR Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
PPC405CR – PowerPC 405CR Embedded Processor
Revision 1.02 – January 11, 2005
AMCC
21
Data Sheet
Signal Descriptions
The PPC405CR embedded controller is packaged in a 316-ball enhanced plastic ball grid array (E-PBGA). The fol-
lowing table provides a summary of the number of package pins associated with each functional interface group.
Multiplexed Pins
In the table “Signal Functional Description” on page 23, each I/O signal is listed along with a short description of the
signal function. Some signals are multiplexed onto the same package pin (ball) so that the pin can be used for dif-
ferent functions. Multiplexed signals are shown as a default signal with a secondary signal in square brackets (for
example, GPIO1[TS1E]). Active-low signals (for example, RAS) are marked with an overline.
It is expected that in any single application a particular pin will always be programmed to serve the same function.
The flexibility of multiplexing allows a single chip to offer a richer pin selection than would otherwise be possible.
In addition to multiplexing, many pins are also multi-purpose. For example, the EBC peripheral controller address
pins are used as outputs by the PPC405CR to broadcast an address to external slave devices when the
PPC405CR has control of the external bus. When during the course of normal chip operation an external master
gains ownership of the external bus, these same pins are used as inputs which are driven by the external master
and received by the EBC in the PPC405CR.
Intialization Strapping
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only dur-
ing reset and are used for other functions during normal operation (see “Strapping” on page 39). Note that these
are not multiplexed pins since the function of the pins is not programmable.
Pull-Up and Pull-Down Resistors
Pull-up and pull-down resistors are used for strapping during reset and to retain unused or undriven inputs in an
appropriate state. The recommended pull-up value of 3k
Ω to +3.3V (10kΩ to +5V can be used on 5V tolerant I/Os)
and pull-down value of 1k
Ω to GND, applies only to individually terminated signals. To prevent possible damage to
the device, I/Os capable of becoming outputs must never be tied together and terminated through a common
resistor.
Table 5. Pin Summary
Group
No. of Pins
SDRAM
71
External Peripheral
97
External Master
9
Internal Peripheral
15
Interrupts
7
JTAG
5
System
18
Total Signal Pins
222
AVDD
1
OVDD
16
VDD
16
Gnd
40
Thermal (and Gnd)
16
Reserved
5
Total Pins
316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com