Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EP-3LB200CZ Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB200CZ
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200CZ Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200CZ Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 14Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 15Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 16Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
13
Data Sheet
Pin Lists
The following table lists all the external signals in alphabetical order and shows the ball (pin) number on which the
signal appears. Shared signals are shown with the default signal (following reset) not in brackets and the alternate
signal in brackets. Shared signals appear alphabetically multiple times in the list—once for each signal assigned to
the ball. The page number listed gives the page in “Signal Functional Description” on page 31 where the signals in
the indicated interface group begin.
Table 3. Signals Listed Alphabetically (Sheet 1 of 10)
Signal Name
Ball
Interface Group
Page
AGND
AB21
System
35
AVDD
AC20
BA0
Y15
SDRAM
33
BA1
AC16
BankSel0
AB13
SDRAM
33
BankSel1
AC13
CAS
Y14
SDRAM
33
ClkEn0
AB14
SDRAM
33
ClkEn1
AC14
DQM0
AC10
SDRAM
33
DQM1
AA7
DQM2
W04
DQM3
U02
EMCMDClk
Y06
Ethernet
32
EMCMDIO
AA5
Ethernet
32
EMC0Tx0D0
U03
Ethernet
32
EMC0Tx0D1
N03
EMC0Tx0D2
L01
EMC0Tx0D3
P03
EMC0Tx0En
W01
Ethernet
32
EMC0Tx0Err
V03
Ethernet
32
EMC0Tx1D0
B15
Ethernet
32
EMC0Tx1D1
C14
EMC0Tx1D2
A15
EMC0Tx1D3
D14
EMC0Tx1En
A16
Ethernet
32
EMC0Tx1Err
C15
Ethernet
32
ExtReset
A03
External Slave Peripheral
33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com