Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405EP-3LB200CZ Datasheet(PDF) 21 Page - Applied Micro Circuits Corporation

Part # PPC405EP-3LB200CZ
Description  PowerPC 405EP Embedded Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405EP-3LB200CZ Datasheet(HTML) 21 Page - Applied Micro Circuits Corporation

Back Button PPC405EP-3LB200CZ Datasheet HTML 17Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 18Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 19Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 20Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405EP-3LB200CZ Datasheet HTML 25Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
PPC405EP – PowerPC 405EP Embedded Processor
Revision 1.07 – September 10, 2007
AMCC
21
Data Sheet
PerData00
P02
External Slave Peripheral
Note: PerData00 is the most significant bit (msb) on this bus.
33
PerData01
N04
PerData02
P01
PerData03
M02
PerData04
M03
PerData05
L02
PerData06
L03
PerData07
K02
PerData08
K03
PerData09
H01
PerData10
J04
PerData11
G02
PerData12
G04
PerData13
H04
PerData14
F01
PerData15
D01
PerOE
F04
External Slave Peripheral
33
PerReady
B03
External Slave Peripheral
33
PerR/W
D02
External Slave Peripheral
33
PerWBE0
F03
External Slave Peripheral
33
PerWBE1
E01
[PerWE]PCIINT
D15
External Slave Peripheral
33
PHY0Col0
AB8
Ethernet
32
PHY0Col1
C05
PHY0CrS0
AA9
Ethernet
32
PHY0CrS1
B05
PHY0Rx0Clk
AB10
Ethernet
32
PHY0Rx0D0
Y16
Ethernet
32
PHY0Rx0D1
AA22
PHY0Rx0D2
AA16
PHY0Rx0D3
AA13
PHY0Rx0DV
Y10
Ethernet
32
PHY0Rx0Err
AB11
Ethernet
32
PHY0Rx1Clk
E02
Ethernet
32
PHY0Rx1D0
R01
Ethernet
32
PHY0Rx1D1
H03
PHY0Rx1D2
G03
PHY0Rx1D3
F02
PHY0Rx1DV
D06
Ethernet
32
PHY0Rx1Err
C01
Ethernet
32
PHY0Tx0Clk
Y08
Ethernet
32
PHY0Tx1Clk
C06
SysClk
AB18
System
35
RAS
AA15
SDRAM
33
[RejectPkt0]GPIO30
W20
System
35
[RejectPkt1]GPIO31
Y21
System
35
Reserved
–
Other
36
SysErr
Y17
System
35
Table 3. Signals Listed Alphabetically (Sheet 9 of 10)
Signal Name
Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com