Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EZ Datasheet(PDF) 13 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 13 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 9Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 10Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 11Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 12Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 13Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 14Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 15Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 16Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 17Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
13
Preliminary Data Sheet
Chameleon Timer
The Chameleon Timer’s Timer Service Engine (TSE) controls the local Timer RAM configured as 120 32-bit words
and up to fifteen 24-bit timer channels, each with an Input Capture Register or an Output Compare Register. The
Chameleon Timer interfaces to the OPB.
Features include:
• Pulse Width Modulation (PWM) and space vector PWM functions with non-overlap times
– Programmable “deadband” intervals
– Pulse period measurement
– 48-bit input capture function
– 48-bit output compare function
– IEEE1588 time stamps
– Automatic up, down, and up-then-down counting with modulus
• Autonomous Timer Service Engine (TSE) manages timer channels
– CPU programs “registers” in Timer SRAM (120x32 bits)
• 15 timer channels + 1 timebase channel
• Pulse period measurements
• Configurable for seven 48-bit channels or 15 24-bit channels
• Up to two timebases available simultaneously
– Each time base has four optional sources: three internal (Timebase A, Timebase B, and IEEE1588) and
one external
• Speed/resolution: 166MHz counter, 2-clock (20ns) minimum period
• Latency: 0.49
μsec worst case (based on 133MHz system clock)
• External “Fault” pin to automatically disable timer channel outputs
• Low EMC switching noise
• Unused Timer I/O pins available for GPIO use
• 32-bit OPB slave interface
General Purpose I/O (GPIO) Controller
The GPIO controller enables multiplexing of module I/O pins with multiple functions within the chip. That is, a single
package pin can be assigned to multiple I/O functions. Which function the pin is assigned to is determined by
register bit settings controlled by software. This significantly reduces the number of package pins needed to
support multiple I/O groups.
Features include:
• Up to 54 GPIOs available
– GPIOs are multiplexed with alternate functions
– If not in use for dedicated functions, I/Os are available as GPIOs
• Direct control of all functions from registers programmed by means of OPB bus master accesses
• Time multiplexing of controller outputs to module outputs
• Programmable conversion of module outputs to open-drain outputs (enables sharing of active low outputs
externally)
• Time multiplexing of module inputs to controller inputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com