Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

405EZ Datasheet(PDF) 39 Page - Applied Micro Circuits Corporation

Part # 405EZ
Description  PowerPC 405EZ Embedded Processor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

405EZ Datasheet(HTML) 39 Page - Applied Micro Circuits Corporation

Back Button 405EZ Datasheet HTML 35Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 36Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 37Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 38Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 39Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 40Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 41Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 42Page - Applied Micro Circuits Corporation 405EZ Datasheet HTML 43Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
PPC405EZ – PowerPC 405EZ Embedded Processor
Revision 1.27 - August 22, 2007
AMCC Proprietary
39
Preliminary Data Sheet
UART Peripheral Interface
UART0_CTS
Clear to send.
I
3.3V LVTTL
UART0_DCD
Data carrier detect.
I
3.3V LVTTL
UART0_DSR
Data set ready.
I
3.3V LVTTL
UART0_DTR
Data terminal ready.
O
3.3V LVTTL
UART0_RI
Ring indicator.
I
3.3V LVTTL
UART0_RTS
Request to send.
O
3.3V LVTTL
UART0_Rx
Receive data.
I
3.3V LVTTL
5
UART0_Tx
Transmit data.
O
3.3V LVTTL
UART1_Rx
Receive data
I
3.3V LVTTL
5
UART1_Tx
Transmit data
O
3.3V LVTTL
USB Interface
USB1FClk
48 MHz clock for USB
I
3.3V LVTTL
USB1DEV0
Device differential + data signal
I/O
5V tolerant
USB Diff
USB1DEV0
Device differential
− data signal
I/O
5V tolerant
USB Diff
USB1HOST0
Host 0 differential + data signal
I/O
5V tolerant
USB Diff
USB1HOST0
Host 0 differential
− data signal
I/O
5V tolerant
USB Diff
USB1HOST1
Host 1 differential + data signal
I/O
5V tolerant
USB Diff
USB1HOST1
Host 1 differential
− data signal
I/O
5V tolerant
USB Diff
Table 6. Signal Functional Description (Sheet 5 of 6)
Notes:
1. Receiver input has hysteresis.
2. Must pull up. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
3. Must pull down. See “Pull-Up and Pull-Down Resistors” on page 34 for recommended termination values.
4. If not used, must pull up.
5. If not used, must pull down.
6. Strapping input during reset; pull up or pull down as required.
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com