Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3BE133CZ Datasheet(PDF) 33 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE133CZ Datasheet(HTML) 33 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE133CZ Datasheet HTML 29Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 30Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 31Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 32Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 33Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 34Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 35Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 36Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 37Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
33
Revision 2.03 – September 7, 2007
Data Sheet
Signal List
The following table provides a summary of the number of package pins associated with each functional interface
group.
Multiplexed Pins
In the table “Signal Functional Description” on page 35, each external signal is listed along with a description of the
signal function. Some signals are multiplexed on the same pin (ball) so that the pin can be used for different
functions. Multiplexed signals are shown as a default signal with a secondary signal in square brackets (for
example, GPIO1[TS1E]). Active-low signals (for example, RAS) are marked with an overline.
It is expected that in any single application a particular pin will always be programmed to serve the same function.
The flexibility of multiplexing allows a single chip to offer a richer pin selection than would otherwise be possible.
In addition to multiplexing, many pins are also multi-purpose. For example, the EBC peripheral controller address
pins are used as outputs by the PPC405GP to broadcast an address to external slave devices when the
PPC405GP has control of the external bus. When, during the course of normal chip operation, an external master
gains ownership of the external bus, these same pins are used as inputs which are driven by the external master
and received by the EBC in the PPC405GP. In this example, the pins are also bidirectional, serving as both inputs
and outputs.
Intialization Strapping
One group of pins is used as strapped inputs during system reset. These pins function as strapped inputs only
during reset and are used for other functions during normal operation (see “Strapping” on page 55). Note that the
use of these pins for strapping is not considered multiplexing since the strapping function is not programmable.
Pin Summary
Group
No. of Pins
413-Ball package
456-Ball Package
25 mm
35 mm
27mm
PCI
606060
Ethernet
18
18
18
SDRAM
717171
External peripheral
96
96
96
External master
9
9
9
Internal peripheral
15
15
15
Interrupts
7
7
7
JTAG
555
System
19
19
19
Total Signal Pins
300
300
300
OVDD
38
32
24
VDD
22
24
24
Gnd
266056
Thermal (and Gnd)
15
36
36
Reserved
12
4
16
Total Pins
413
456
456



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com