Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3BE133CZ Datasheet(PDF) 48 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3BE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3BE133CZ Datasheet(HTML) 48 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3BE133CZ Datasheet HTML 44Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 45Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 46Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 47Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405GP-3BE133CZ Datasheet HTML 52Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
48
AMCC
Revision 2.03 – September 7, 2007
Data Sheet
Spread Spectrum Clocking
Care must be taken when using a spread spectrum clock generator (SSCG) with the PPC405GP. This controller
uses a PLL for clock generation inside the chip. The accuracy with which the PLL follows the SSCG is referred to
as tracking skew. The PLL bandwidth and phase angle determine how much tracking skew there is between the
SSCG and the PLL for a given frequency deviation and modulation frequency. When using an SSCG with the
PPC405GP the following conditions must be met:
• The frequency deviation must not violate the minimum clock cycle time. Therefore, when operating the
PPC405GP with one or more internal clocks at their maximum supported frequency, the SSCG can only lower
the frequency.
• The maximum frequency deviation cannot exceed
−3%, and the modulation frequency cannot exceed 40kHz.
In some cases, on-board PPC405GP peripherals impose more stringent requirements (see Note 1).
• Use the peripheral bus clock (PerClk) for logic that is synchronous to the peripheral bus since this clock tracks
the modulation.
• Use the SDRAM MemClkOut since it also tracks the modulation.
Please refer to the application note Using a Spread Spectrum Clock Generator with the PowerPC 405GP for
additional details. This application note is available on the AMCC web site at http://www.amcc.com.
Notes:
1. The serial port baud rates are synchronous to the modulated clock. The serial port has a tolerance of
approximately 1.5% on baud rate before framing errors begin to occur. The 1.5% tolerance assumes that the
connected device is running at precise baud rates. If an external serial clock is used the baud rate is unaffected
by the modulation.
2. Operation of the PPC405GP PCI Bridge is unaffected by the use of a SSCG.
For PCI frequencies of 33.33 MHz and below the PCI controller supports synchronous mode operation. This is
accomplished by strapping the PPC405GP for synchronous mode PCI and connecting the PCI bus clock to the
PPC405GP SysClk input. For 33.33 MHz signalling, the PCI specification has no limitation on the amount of
frequency deviation or modulation that may be applied to the PCI clock. Therefore, the PPC405GP SSCG
requirements stated above take precedence.
At PCI frequencies above 33.33 MHz, the PCI controller must be operated in asynchronous mode. When in
asynchronous mode, the PCI bus clock must be driven into the PPC405GP PCIClk input. In this configuration
the PCI controller supports the 66.66 MHz PCI clock specification which specifies a maximum frequency
deviation of -1% at a modulation of between 30 kHz and 33 kHz.
3. Ethernet operation is unaffected.
4. IIC operation is unaffected.
Caution: It is up to the system designer to ensure that any SSCG used with the PPC405GP meets the above
requirements and does not adversely affect other aspects of the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com