Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3FE133CZ Datasheet(PDF) 25 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3FE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3FE133CZ Datasheet(HTML) 25 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3FE133CZ Datasheet HTML 21Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 22Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 23Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 24Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 25Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 26Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 27Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 28Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 29Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
25
Revision 2.03 – September 7, 2007
Data Sheet
Reserved
B19
C16
D18
E2
H3
T21
V20
V21
W22
Y51
AA8
AB5
A192
B173
C133
D20
H12
K23
N243
P33
U253
W262
Y23
Y26
AF41
AF82
AD143
AE103
Other
Notes:
1. Y5 (on the 413-ball package) and AF4 must be tied to OVDD or GND.
All other reserved pins should be left unconnected.
2. Reserved on 27mm package. GND on 35mm package.
3. Reserved on 27mm package. OVDD on 35mm package.
42
SysClk
H16
A25
System
40
SysErr
P14
AD25
System
40
SysReset
J15
D22
System
40
TCK
U16
AD22
JTAG
40
TDI
U13
AE24
JTAG
40
TDO
T13
AD23
JTAG
40
TestEn
E20
D26
System
40
TmrClk
L16
D24
System
40
TMS
U17
AC22
JTAG
40
[TrcClk]GPIO9
T7
AB3
System
40
TRST
T16
AE26
JTAG
40
[TS1E]GPIO1
[TS2E]GPIO2
[TS1O]GPIO3
[TS2O]GPIO4
[TS3]GPIO5
[TS4]GPIO6
[TS5]GPIO7
[TS6]GPIO8
A20
C19
A21
AB18
AC4
AB4
AC3
Y6
D18
C20
A22
AF18
AC9
AE8
AF5
AC7
Trace
41
UART0_CTS
U7
AB4
Internal Peripheral
39
UART0_DCD
AA17
AE18
Internal Peripheral
39
UART0_DSR
P10
AE3
Internal Peripheral
39
UART0_DTR
T8
AF2
Internal Peripheral
39
UART0_RI
AC16
AD15
Internal Peripheral
39
UART0_RTS
AB15
AD16
Internal Peripheral
39
UART0_Rx
AA14
AE16
Internal Peripheral
39
UART0_Tx
U8
AF3
Internal Peripheral
39
UART1_CTS/UART1_DSR
N8
AC3
Internal Peripheral
39
UART1_DSR/UART1_CTS
N8
AC3
Internal Peripheral
39
UART1_DTR/UART1_RTS
N7
AD2
Internal Peripheral
39
UART1_RTS/UART1_DTR
N7
AD2
Internal Peripheral
39
UART1_Rx
W4
AC1
Internal Peripheral
39
UART1_Tx
N3
AC2
Internal Peripheral
39
UARTSerClk
Y14
AE17
Internal Peripheral
39
Signals Listed Alphabetically (Part 9 of 10)
Signal Name
413-Ball
456-Ball
Interface Group
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com