Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GP-3FE133CZ Datasheet(PDF) 53 Page - Applied Micro Circuits Corporation

Part # PPC405GP-3FE133CZ
Description  Power PC 405GP Embedded Processor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GP-3FE133CZ Datasheet(HTML) 53 Page - Applied Micro Circuits Corporation

Back Button PPC405GP-3FE133CZ Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 56Page - Applied Micro Circuits Corporation PPC405GP-3FE133CZ Datasheet HTML 57Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 59 page
background image
405GP – Power PC 405GP Embedded Processor
AMCC
53
Revision 2.03 – September 7, 2007
Data Sheet
I/O Specifications—133 and 200MHz
Notes:
1. The SDRAM command interface is configurable through SDRAM0_TR[LDF] to provide a 2 to 4 cycle delay before the
command is used by SDRAM.
2. SDRAM I/O timings are specified relative to a MemClkOut terminated into a lumped 10pF load.
3. SDRAM interface hold times are guaranteed at the PPC405GP package pin. System designers must use the PPC405GP
IBIS model (available from www.amcc.com) to ensure their clock distribution topology minimizes loading and reflections,
and that the relative delays on clock wiring do not exceed the delays on other SDRAM signal wiring.
4. PerClk rising edge at package pin with a 10pF load trails the internal PLB clock by approximately 0.8ns.
5. I/O H is specified at 2.4 V and I/O L is specified at 0.4 V.
Signal
Input (ns)
Output (ns)
Output Current (mA)
Clock
Notes
Setup Time
(TIS min)
Hold Time
(TIH min)
Valid Delay
(TOV max)
Hold Time
(TOH min)
I/O H
(minimum)
I/O L
(minimum)
SDRAM Interface
BA1:0
na
na
7.5
1
19
12
MemClkOut
1, 2
BankSel3:0
na
na
6.2
1
19
12
MemClkOut
2
CAS
na
na
7.5
1
19
12
MemClkOut
1, 2
ClkEn0:1
na
na
5.2
1
40
25
MemClkOut
2
DQM0:3
na
na
6.1
1
19
12
MemClkOut
2
DQMCB
na
na
6.2
1
19
12
MemClkOut
2
ECC0:7
2
1
6.2
1
19
12
MemClkOut
2
MemAddr12:0
na
na
7.6
1
19
12
MemClkOut
1, 2
MemData0:31
2
1
6.3
1
19
12
MemClkOut
2
RAS
na
na
7.5
1
19
12
MemClkOut
1, 2
WE
na
na
7.5
1
19
12
MemClkOut
1, 2
External Slave Peripheral Interface
DMAAck0:3
na
na
8
0
12
8
PerClk
DMAReq0:3
5
1
na
na
na
na
PerClk
EOT0:3/TC0:3
dc
dc
8
0
12
8
PerClk
PerAddr0:31
4
1
10
0
19
12
PerClk
PerBLast
4
1
8
0
12
8
PerClk
PerCS0
PerCS1:7[GPIO10:16]
na
na
8
0
12
8
PerClk
PerData0:31
6
1
10
0
19
12
PerClk
PerOE
na
na
8
0
12
8
PerClk
PerPar0:3
4
1
10
0
19
12
PerClk
PerR/W
4
1
8
0
12
8
PerClk
PerReady
9
1
na
na
na
na
PerClk
PerWBE0:3
3
1
8
0
12
8
PerClk
External Master Peripheral Interface
BusReq
na
na
8
0
12
8
PerClk
ExtAck
na
na
7
0
12
8
PerClk
ExtReq
5
1
na
na
na
na
PerClk
ExtReset
na
na
8
0
19
12
PerClk
HoldAck
na
na
8
0
12
8
PerClk
HoldPri
4
1
nana
nana
PerClk
HoldReq
5
1
na
na
na
na
PerClk
PerClk
na
na
0.9
0.7
19
12
PLB Clk
4
PerErr
3
1
na
na
na
na
PerClk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com