Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP-3PBFFFCX Datasheet(PDF) 77 Page - Applied Micro Circuits Corporation

Part # PPC440EP-3PBFFFCX
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP-3PBFFFCX Datasheet(HTML) 77 Page - Applied Micro Circuits Corporation

Back Button PPC440EP-3PBFFFCX Datasheet HTML 73Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 74Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 81Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 84 page
background image
AMCC Proprietary
77
440EP – PPC440EP Embedded Processor
Data Sheet
Revision 1.26 – April 25, 2007
Example 1:
If the data-to-PLB clock timing is as shown in the example below, then the read clock is not delayed and the Stage
1 data is sampled at (1). Except for small, low frequency memory systems with the memory located physically
close to the PPC440EP, it is unlikely that Stage 1 data can be sampled. When the data comes later, it is necessary
to sample Stage 2 or Stage 3 data. (see Examples 2 and 3). Another way to get the desired data-to-PLB timing to
allow Stage 1 sampling is to buffer MemClkOut0 and skew it enough to guarantee the timing. In this example, TT is
system dependent and taken into account by controller initialization software.
Figure 11. DDR SDRAM Read Cycle Timing—Example 1
DQS at pin
PLB Clock
TSIN
TDIN = Delay from data at package pin to D on Stage 1 FF.
TSIN = Delay from DQS at package pin to C on Stage 1 FF.
Data at pin
D0
D1
D2
D3
DQS Stage 1 C
D0
D1
D2
D3
TDIN
D0
D2
Data in Stage 1 D
D1
D3
Data out Stage 1
High
Low
TP
D0
D2
D1
D3
Data in at RDSP
High
Low
with no ECC
TT
TP = Propagation delay through FFs
TT = Propagation delay, Stage 1 input to RDSP input w/o ECC
D0
D2
D1
D3
Data out RDSP
High
Low
(1)
D2
D2
TP
D0
D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com