Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EP-3PBFFFCX Datasheet(PDF) 82 Page - Applied Micro Circuits Corporation

Part # PPC440EP-3PBFFFCX
Description  Power PC 440EP Embedded Processor
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EP-3PBFFFCX Datasheet(HTML) 82 Page - Applied Micro Circuits Corporation

Back Button PPC440EP-3PBFFFCX Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 83Page - Applied Micro Circuits Corporation PPC440EP-3PBFFFCX Datasheet HTML 84Page - Applied Micro Circuits Corporation  
Zoom Inzoom in Zoom Outzoom out
 82 / 84 page
background image
82
AMCC Proprietary
440EP – PPC440EP Embedded Processor
Revision 1.26 – April 25, 2007
Data Sheet
02/15/2005
Miscellaneous updates
03/10/2005
Miscellaneous updates
03/25/2005
Correct I/O timing specs for ExtReq signal.
04/27/2005
USB 2.0 I/O and DDR SDRAM timing updates.
05/24/2005
Add RoHS compliance statement.
06/14/2005
Updates and additions to power and thermal specifications.
Add new 667MHz PNs and remove old 466MHz PNs.
07/06/2005
Change maximum NAND Flash to 256MB.
08/08/2005
Change solder ball size specification and add thermally enhanced package specification.
10/05/2005
1.20
Miscellaneous updates
11/18/2005
1.21
Remove metal-layer specification from technology description.
Change default configuration when bootstrap IIC read fails from option A to configuration X.
Add package nomenclature.
Correct MemClkOut duty cycle.
Correct and move PerErr signal description from master to slave.
Change maximum VCO freqruency to 1334MHz.
02/16/2006
1.22
Add revision level 2.1 (C) part number and PVR number.
05/24/2006
1.23
Update power dissipation and add additional temperature data.
07/19/2006
1.24
Correct enable/disable specifications for PCI Gnt/Req signals.
12/18/2006
1.25
Change analog voltage filter circuit inductor part number.
Change all multiplexed GPIO signal defaults to the GPIO signals.
Change AC12 default from IRQ5 to DMAReq1.
Correct descriptions of LeakTest, RcvrInh, ModeCtrl, RefEn, and DrvrInh1:2 signals
Remove “Preliminary” status from header.
04/25/2007
1.26
Remove thermally enhanced package.
Date
Version
Contents of Modification



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com