Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3KB266 Datasheet(PDF) 10 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3KB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3KB266 Datasheet(HTML) 10 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3KB266 Datasheet HTML 6Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 7Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 8Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 9Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 10Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 11Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 12Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 13Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 14Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
10
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
• Supports PCI target access to all PLB address spaces
• Supports PowerPC processor boot from PCI memory
SDRAM Memory Controller
The PPC405GPr Memory Controller core provides a low latency access path to SDRAM memory. A variety of
system memory configurations are supported. The memory controller supports up to four physical banks. Up to
256MB per bank are supported, up to a maximum of 1GB. Memory timings, address and bank sizes, and memory
addressing modes are programmable.
Features include:
• 11x8 to 13x11 addressing for SDRAM (2- and 4-bank)
• 32-bit memory interface support
• Programmable address compare for each bank of memory
• Industry standard 168-pin DIMMS are supported (some configurations)
• PC-133 support for 133 MHz memory
• 4MB to 256MB per bank
• Programmable address mapping and timing
• Auto refresh
• Page mode accesses with up to 4 open pages
• Power management (self-refresh)
• Error checking and correction (ECC) support
- Standard single-error correct, double-error detect coverage
- Aligned nibble error detect
- Address error logging
External Peripheral Bus Controller (EBC)
• Supports eight banks of ROM, EPROM, SRAM, Flash memory, or slave peripherals
• Up to 66MHz operation
• Burst and non-burst devices
• 8-, 16-, 32-bit byte-addressable data bus width support
• Latch data on Ready
• Programmable 2K clock time-out counter with disable for Ready
• Programmable access timing per device
- 0–255 wait states for non-bursting devices
- 0–31 burst wait states for first access and up to 7 wait states for subsequent accesses



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com