Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC405GPR-3KB266 Datasheet(PDF) 52 Page - Applied Micro Circuits Corporation

Part # PPC405GPR-3KB266
Description  Power PC 405GPr Embedded Processor
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC405GPR-3KB266 Datasheet(HTML) 52 Page - Applied Micro Circuits Corporation

Back Button PPC405GPR-3KB266 Datasheet HTML 48Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 49Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 50Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 51Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 52Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 53Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 54Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 55Page - Applied Micro Circuits Corporation PPC405GPR-3KB266 Datasheet HTML 56Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
405GPr – Power PC 405GPr Embedded Processor
52
AMCC
Revision 2.04 – September 7, 2007
Data Sheet
OPB Divider from PLB 2
L25
EMCTxD1
J26
EMCTxD0
Divide by 1
0
0
Divide by 2
0
1
Divide by 3
1
0
Divide by 4
1
1
PCI Divider from PLB 2, 3
D18
GPIO1[TS1E]
C20
GPIO2[TS2E]
Divide by 1
0
0
Divide by 2
0
1
Divide by 3
1
0
Divide by 4
1
1
External Bus Divider from PLB 2
K25
EMCTxErr
K23
EMCTxEn
Divide by 2
0
0
Divide by 3
0
1
Divide by 4
1
0
Divide by 5
1
1
ROM Width
AC2
UART1_Tx
AD2
UART1_RTS/
UART1_DTR
8-bit ROM
0
0
16-bit ROM
0
1
32-bit ROM
1
0
Reserved
1
1
ROM Location
U2
HoldAck
PPC405GPr Peripheral Attach
0
PPC405GPr PCI Attach
1
PCI Asynchronous Mode Enable
Y3
ExtAck
Synchronous PCI Mode
0
Asynchronous Mode
1
PCI Arbiter Enable 3
AF18
GPIO4[TS2O]
Internal Arbiter Disabled
0
Internal Arbiter Enabled
1
Note:
1. The tune bits adjust parameters that control PLL jitter. The recommended values minimize jitter for the PLL implemented in the
PPC405GPr. These bits are shown for information only; and do not require modification except in special clocking circumstances such as
spread spectrum clocking. For details on the use of Spread Spectrum Clock Generators (SSCGs) with the PPC405GPr, visit the technical
documents area of the AMCC PowerPC web site.
2. Not all combinations of dividers produce valid operating configurations. Frequencies must be within the limits specified in “Clocking
Specifications” on page 43. Further requirements are detailed in the Clocking chapter of the PowerPC 405GPr Embedded Processor
User’s Manual.
3. Additional consideration must be given to pins that normally function as Trace signals. Improved design margin can be gained by using
three-state buffers instead of strapping resistors, and minimizing trace lengths and stubs.
PPC405GPr Legacy Mode Strapping Pin Assignments (Sheet 2 of 2)
Function
Option
Ball Strapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com