Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EPX-SPAFFFTS Datasheet(PDF) 63 Page - Applied Micro Circuits Corporation

Part # PPC440EPX-SPAFFFTS
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EPX-SPAFFFTS Datasheet(HTML) 63 Page - Applied Micro Circuits Corporation

Back Button PPC440EPX-SPAFFFTS Datasheet HTML 59Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 60Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 61Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 62Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 63Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 64Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 65Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 66Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 67Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
63
Preliminary Data Sheet
Serial Peripheral Interface
SCPClkOut
Clock output.
I/O
3.3V LVTTL
SCPDI
Data input.
I/O
3.3V LVTTL
SCPDO
Data output.
O
3.3V LVTTL
Interrupts Interface
IRQ0:4
External interrupt requests 0 through 4.
I/O
3.3V LVTTL
1
IRQ5
External interrupt request 5.
I
3.3V LVTTL
Rcvr
1, 5
IRQ6:9
External interrupt requests 6 through 9.
I/O
3.3V LVTTL
1
JTAG Interface
TCK
Test Clock.
I
3.3V LVTTL
w/pull-up
1
TDI
Test Data In.
I
3.3V LVTTL
w/pull-up
1, 4
TDO
Test Data Out.
O
3.3V LVTTL
TMS
Test Mode Select.
I
3.3V LVTTL
w/pull-up
1
TRST
Test Reset.
I
3.3V LVTTL
w/pull-up
1, 5
Table 8. Signal Functional Description (Sheet 7 of 9)
Notes:
1. Receiver input has hysteresis
2. Must pull up (recommended value is 3k
Ω to OV
DD (EOVDD for Ethernet)
3. Must pull down (recommended value is 1k
Ω)
4. If not used, must pull up (recommended value is 3k
Ω to OV
DD (EOVDD for Ethernet)
5. If not used, must pull down (recommended value is 1k
Ω)
6. Strapping input during reset; pull-up or pull-down required
Signal Name
Description
I/O
Type
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com