Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PPC440EPX-SPAFFFTS Datasheet(PDF) 79 Page - Applied Micro Circuits Corporation

Part # PPC440EPX-SPAFFFTS
Description  PowerPC 440EPx Embedded Processor
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMCC [Applied Micro Circuits Corporation]
Direct Link  http://www.amcc.com
Logo AMCC - Applied Micro Circuits Corporation

PPC440EPX-SPAFFFTS Datasheet(HTML) 79 Page - Applied Micro Circuits Corporation

Back Button PPC440EPX-SPAFFFTS Datasheet HTML 75Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 76Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 77Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 78Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 79Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 80Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 81Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 82Page - Applied Micro Circuits Corporation PPC440EPX-SPAFFFTS Datasheet HTML 83Page - Applied Micro Circuits Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 94 page
background image
440EPx – PPC440EPx Embedded Processor
Revision 1.26 – October 15, 2007
AMCC Proprietary
79
Preliminary Data Sheet
Figure 6. Input Setup and Hold Waveform
Clock
TIS
TIH
min
min
Inputs
Valid
1.25V(1.5V)
Figure 7. Output Delay and Float Timing Waveform
Valid
Clock
Outputs
Valid
TOH min
TOVmax
TOVmax
TOH min
TOVmax
TOH min
Float (High-Z)
High (Drive)
Low (Drive)
1.25V(1.5V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com