Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC009N03LF2S Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # ISC009N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC009N03LF2S Datasheet(HTML) 4 Page - Infineon Technologies AG

  ISC009N03LF2S Datasheet HTML 1Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 2Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 3Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 4Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 5Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 6Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 7Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 8Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
StrongIRFET™ 2 Power‑Transistor, 30 V
ISC009N03LF2S
Public
Datasheet
4
Revision 1.1
https://www.infineon.com
2024‑11‑25
2   Thermal characteristics
Table 3      Thermal characteristics
Parameter
Symbol
Values
Unit Note / Test condition
Min.
Typ.
Max.
Thermal resistance, junction ‑ case
R
‑
‑
0.8
°C/W
‑
Thermal resistance, junction ‑ case,
top
R
‑
‑
20
°C/W
Thermal resistance, junction ‑ 
ambient,
minimal footprint 5)
R
‑
‑
50
°C/W
    Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm  (one layer, 70 μm thick) copper area for drain connection. PCB 
5)
2
is vertical in still air.
thJC
thJC
thJA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com