Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISC009N03LF2S Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ISC009N03LF2S
Description  MOSFET StrongIRFET™ 2 Power‑Transistor, 30 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ISC009N03LF2S Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ISC009N03LF2S Datasheet HTML 5Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 6Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 7Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 8Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 9Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 10Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 11Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 12Page - Infineon Technologies AG ISC009N03LF2S Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
StrongIRFET™ 2 Power‑Transistor, 30 V
ISC009N03LF2S
Public
Datasheet
9
Revision 1.1
https://www.infineon.com
2024‑11‑25
 
Diagram 9: Normalized drain‑source on resistance
Diagram 10: Typ. gate threshold voltage
R
=f( ),  =50 A,  =10 V
T I
V
V
=f( ),  = ; parameter: 
T V V
I
Diagram 11: Typ. capacitances
Diagram 12: Forward characteristics of reverse diode
C=f( );  =0 V;  =1 MHz
V
V
f
I =f( ); parameter: 
V
T
DS(on)
j
D
GS
GS(th
j
GS
DS
D
DS
GS
F
SD
j
75 50 25 0 25 50 75 100 125 150 175 200
Tj [°C]
0.4
0.8
1.2
1.6
2.0
75 50 25 0 25 50 75 100 125 150 175 200
Tj [°C]
0.0
0.4
0.8
1.2
1.6
2.0
2.4
100 µA
1000 µA
0
5
10
15
20
25
30
VDS [V]
102
103
104
Ciss
Coss
Crss
0.2
0.4
0.6
0.8
1.0
1.2
1.4
VSD [V]
101
102
103
104
25 °C
175 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com