Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # BCP54
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCP54 Datasheet(HTML) 1 Page - Diotec Semiconductor

  BCP54 Datasheet HTML 1Page - Diotec Semiconductor BCP54 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BCP54 ... BCP56
BCP54 ... BCP56
NPN
Surface Mount General Purpose Si-Epi-Planar Transistors
Si-Epi-Planar Universaltransistoren für die Oberflächenmontage
NPN
Version 2006-06-26
Dimensions - Maße [mm]
1 = B
2/4 = C
3 = E
Power dissipation
Verlustleistung
1.3 W
Plastic case
Kunststoffgehäuse
SOT-223
Weight approx.
Gewicht ca.
0.04 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings (TA = 25°C)
Grenzwerte (TA = 25°C)
BCP54
BCP55
BCP56
Collector-Emitter-volt. – Kollektor-Emitter-Spannung
B open
VCEO
45 V
60 V
80 V
Collector-Base-voltage – Kollektor-Basis-Spannung
E open
VCBO
45 V
60 V
100 V
Emitter-Base-voltage – Emitter-Basis-Spannung
C open
VEBO
5 V
Power dissipation – Verlustleistung
Ptot
1.3 W 1)
Collector current – Kollektorstrom (dc)
IC
1 A
Peak Collector current – Kollektor-Spitzenstrom
ICM
1.5 A
Peak Base current – Basis-Spitzenstrom
IBM
200 mA
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-55...+150°C
-55…+150°C
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 2)
VCE = 2 V, IC = 5 mA
all groups
hFE
25
VCE = 2 V, IC = 150 mA
Group -6
Group -10
Group -16
hFE
hFE
hFE
40
63
100
–
–
–
100
160
250
VCE = 2 V, IC = 500 mA
all groups
hFE
25
–
–
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspg. 2)
IC = 500 mA, IB = 50 mA
VCEsat
–
–
0.5 V
Base-Emitter voltage – Basis-Emitter-Spannung 2)
IC = 500 mA, IB = 50 mA
VBE
––
1 V
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.65
2.3
3.25
0.7
6.5
±0.2
3
±0.1
1
2
3
4
Type
Code


Similar Part No. - BCP54

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCP54 PHILIPS-BCP54 Datasheet
43Kb / 8P
NPN medium power transistors
1999 Apr 08
logo
Siemens Semiconductor G...
BCP54 SIEMENS-BCP54 Datasheet
131Kb / 5P
NPN Silicon AF Transistors (For AF driver and output stages High collector current)
logo
Fairchild Semiconductor
BCP54 FAIRCHILD-BCP54 Datasheet
39Kb / 4P
NPN General Purpose Amplifier
logo
Infineon Technologies A...
BCP54 INFINEON-BCP54 Datasheet
48Kb / 5P
NPN Silicon AF Transistors
Nov-29-2001
logo
Diotec Semiconductor
BCP54 DIOTEC-BCP54 Datasheet
236Kb / 2P
Surface mount Si-Epitaxial PlanarTransistors
More results

Similar Description - BCP54

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
MMBT4403 DIOTEC-MMBT4403 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC817 DIOTEC-BC817_07 Datasheet
116Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW29 DIOTEC-BCW29_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BCW31 DIOTEC-BCW31_07 Datasheet
101Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856W DIOTEC-BC856W_07 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC856 DIOTEC-BC856_11 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
BC846W DIOTEC-BC846W_11 Datasheet
98Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_07 Datasheet
111Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5401 DIOTEC-MMBT5401_15 Datasheet
108Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
MMBT5551 DIOTEC-MMBT5551_15 Datasheet
99Kb / 2P
Surface Mount General Purpose Si-Epi-Planar Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com