Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BCP54 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # BCP54
Description  Surface Mount General Purpose Si-Epi-Planar Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

BCP54 Datasheet(HTML) 2 Page - Diotec Semiconductor

  BCP54 Datasheet HTML 1Page - Diotec Semiconductor BCP54 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BCP54 ... BCP56
Characteristics (Tj = 25°C)
Kennwerte (Tj = 25°C)
Min.
Typ.
Max.
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 30 V, (E open)
VCB = 30 V, Tj = 125°C, (E open)
ICB0
ICB0
–
–
–
–
100 nA
10 µA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 5 V, (C open)
IEB0
–
–
100 nA
Gain-Bandwidth Product – Transitfrequenz
VCE = 5 V, IC = 10 mA, f = 100 MHz
fT
–
130 MHz
–
DC current gain ratio of the complementary pairs
Verhältnis der Stromverstärkungen komplementärer Paare
l IC l = 150 mA, l VCE l = 2 V
hFE1/hFE2
––
1.6
Thermal resistance junction to ambient air
Wärmewiderstand Sperrschicht – umgebende Luft
RthA
< 93 K/W 1)
Thermal resistance junction to soldering point
Wärmewiderstand Sperrschicht – Lötpad
RthS
< 27 K/W
Recommended complementary PNP transistors
Empfohlene komplementäre PNP-Transistoren
BCP51 ... BCP53
1
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG
[%]
P
tot
120
100
80
60
40
20
0
[°C]
T
A
150
100
50
0
Power dissipation versus ambient temperature )
Verlustleistung in Abh. von d. Umgebungstemp. )
1
1



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com