Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP5527 Datasheet HTML 1Page - National Semiconductor (TI) LP5527 Datasheet HTML 2Page - National Semiconductor (TI) LP5527 Datasheet HTML 3Page - National Semiconductor (TI) LP5527 Datasheet HTML 4Page - National Semiconductor (TI) LP5527 Datasheet HTML 5Page - National Semiconductor (TI) LP5527 Datasheet HTML 6Page - National Semiconductor (TI) LP5527 Datasheet HTML 7Page - National Semiconductor (TI) LP5527 Datasheet HTML 8Page - National Semiconductor (TI) LP5527 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Absolute Maximum Ratings (Notes 1, 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Voltage on power pins (V
DD1,2)
-0.3V to +6.0V
Voltage on analog pins
-0.3V to V
DD1,2+0.3V
with 6.0V max
Voltage on input/output pins
-0.3V to V
DD1,2+0.3V
with 6.0V max
V(all other pins): Voltage to GND
-0.3V to 6.0V
I(V
REF)10 µA
I(FLASH)
500 mA
Continuous Power Dissipation
(Note 3)
Internally Limited
Junction Temperature (T
J-MAX)
125oC
Storage Temperature Range
-65oC to +150oC
Maximum Lead Temperature
(Reflow soldering, 3 times)
(Note 4)
260oC
ESD Rating (Note 5)
Human Body Model
2 kV
Operating Ratings (Note 1), (Note 2)
Voltage on power pins (V
DD1,2)
3.0 to 5.5V
Voltage on ASE1, ASE2
0V to 1.6V
V
DD_IO
1.65V to V
DD1
Junction Temperature (T
J) Range
-30oC to +125oC
Ambient Temperature (T
A) Range
(Note 6)
-30oCto+85oC
Thermal Properties
Junction-to-Ambient Thermal
Resistance (
θ
JA),
TLA3011A Package (Note 7)
60 - 100oC/W
Electrical Characteristics (Notes 2, 8)
Limits in standard typeface are for T
J =25
oC. Limits in boldface type apply over the operating ambient temperature range
(-30oC < T
A < +85
oC). Unless otherwise noted, specifications apply to the LP5527 Block Diagram with: V
IN = 3.6V, CIN =
10 µF, C
OUT1 = 10 µF, COUT2 = 10 µF, CVDD_IO = 100 nF, CVREF = 100 nF, CVDDA = 4.7 µF, CVDD1 = 100 nF, CVDD2 = 100
nF, L
1 = 4.7 µH. (Note 9)
Symbol
Parameter
Condition
Min
Typ
Max
Units
I
SHUT DOWN
Current of V
DD1 +VDD2 pins +
Leakage Current of SW1, SW2,
LED1 to 4 and FLASH
Voltage on V
DD_IO = 0V, NRST = L,
NSTBY(bit) = L
1
5
µA
I
DD
Active Mode Supply Current
(V
DD1 +VDD2 current)
NRST = H, NSTBY(bit) = H, no load,
EN_BOOST(bit) = L, SCL, SDA = H
350
µA
I
DD
No load supply current
(V
DD1 +VDD2 current)
NSTBY(bit) = H, EN_BOOST(bit) = H,
SCL, SDA, NRST = H,
AUTOLOAD_EN(bit) = L
850
µA
I
VDDIO
V
DD_IO Standby Supply current
NSTBY(bit) = L
1
µA
V
DDA
I
VDDA =1mA
-4%
2,8V
+4%
V
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the component may occur. Operating Ratings are conditions under which operation of
the device is guaranteed. Operating Ratings do not imply guaranteed performance limits. For guaranteed performance limits and associated test conditions, see the
Electrical Characteristics tables.
Note 2: All voltages are with respect to the potential at the GND pins.
Note 3: Internal thermal shutdown circuitry protects the device from permanent damage. Thermal shutdown engages at TJ=160
oC (typ.) and disengages at
TJ=140
oC (typ.).
Note 4: For detailed soldering specifications and information, please refer to National Semiconductor Application Note AN1112 : Micro SMD Wafer Level Chip Scale
Package.
Note 5: The Human body model is a 100 pF capacitor discharged through a 1.5 k
Ω resistor into each pin. MIL-STD-883 3015.7
Note 6: In applications where high power dissipation and/or poor package thermal resistance is present, the maximum ambient temperature may have to be
derated. Maximum ambient temperature (TA-MAX) is dependent on the maximum operating junction temperature (TJ-MAX-OP = 125
oC), the maximum power
dissipation of the device in the application (PD-MAX), and the junction-to ambient thermal resistance of the part/package in the application (θJA), as given by the
following equation: TA-MAX =TJ-MAX-OP –(θJA xPD-MAX).
Note 7: Junction-to-ambient thermal resistance is highly application and board-layout dependent. In applications where high maximum power dissipation exists,
special care must be paid to thermal dissipation issues in board design.
Note 8: Min and Max limits are guaranteed by design, test, or statistical analysis. Typical numbers are not guaranteed, but do represent the most likely norm.
Note 9: Low-ESR Surface-Mount Ceramic Capacitors (MLCCs) used in setting electrical characteristics.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com