Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5527 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5527
Description  Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5527 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP5527 Datasheet HTML 1Page - National Semiconductor (TI) LP5527 Datasheet HTML 2Page - National Semiconductor (TI) LP5527 Datasheet HTML 3Page - National Semiconductor (TI) LP5527 Datasheet HTML 4Page - National Semiconductor (TI) LP5527 Datasheet HTML 5Page - National Semiconductor (TI) LP5527 Datasheet HTML 6Page - National Semiconductor (TI) LP5527 Datasheet HTML 7Page - National Semiconductor (TI) LP5527 Datasheet HTML 8Page - National Semiconductor (TI) LP5527 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
LP5527
Tiny LED Driver for Camera Flash and 4 LEDs with I
2C
Programmability, Connectivity Test and Audio
Synchronization
General Description
The LP5527 is a lighting management unit for handheld
devices with I
2C compatible control interface. The LP5527
has a step-up DC/DC converter with high current output and
it drives display and keypad backlights and powers the cam-
era flash LED. In addition the DC/DC converter has the
output current to power for example an audio amplifier si-
multaneously. The chip has four 8-bit programmable high
efficiency constant current LED drivers and a FLASH LED
driver. Built-in audio synchronization feature allows the user
to synchronize one of the LEDs to audio input.
The LP5527 has an integrated 400 mA flash driver with a
safety stop feature and 50 mA torch mode. An external
enable pin is provided for the synchronizing the flash with the
camera action. An external software independent test inter-
face provides a fast way to find a broken path or short on
LED circuits. Very small microSMD package together with
minimum number of external components is a best fit for
handheld devices.
Features
n
High current boost DC-DC converter (up to 1A output
current)
n
Programmable boost output voltage
n
400 mA flash LED constant current driver with low
tolerance and a safety circuit
n
Synchronization pin for the flash timing
n
Two single-ended audio inputs with gain control
n
Four constant current 15 mA LED drivers with 8-bit
programmable brightness control
n
Audio synchronization feature
n
I
2C compatible control interface
n
Built-in LED connectivity test to maximize manufacturing
yield
n
Small microSMD-30 package (2.5 mm x 3.0 mm x 0.6
mm)
Applications
n
Camera FLASH, funlight and backlight driving in battery
powered devices
Typical Application
20184001
May 2006
© 2006 National Semiconductor Corporation
DS201840
www.national.com


Similar Part No. - LP5527

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP55271 NSC-LP55271 Datasheet
825Kb / 21P
Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
LP55271TL NSC-LP55271TL Datasheet
825Kb / 21P
Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
LP55271TLX NSC-LP55271TLX Datasheet
825Kb / 21P
Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
More results

Similar Description - LP5527

ManufacturerPart #DatasheetDescription
logo
Rohm
BD6062GU ROHM-BD6062GU Datasheet
355Kb / 6P
Flash LED Driver for mobile phone with camera
logo
National Semiconductor ...
LP55271 NSC-LP55271 Datasheet
825Kb / 21P
Tiny LED Driver for Camera Flash and 4 LEDs with I2C Programmability, Connectivity Test and Audio Synchronization
logo
STMicroelectronics
STLD20CP1 STMICROELECTRONICS-STLD20CP1 Datasheet
298Kb / 19P
Power management for white LED and camera flash
20-Nov-2007
logo
Asahi Kasei Microsystem...
AP2061 AKM-AP2061 Datasheet
1Mb / 24P
2.0A High-side LED Driver for Camera Flash with I2C
AP2061AEC AKM-AP2061AEC Datasheet
1Mb / 29P
2.0A High-side LED Driver for Camera Flash with I2C
AP2063AEC AKM-AP2063AEC Datasheet
1Mb / 27P
2.0A High-side LED Driver for Camera Flash with I2C
logo
ON Semiconductor
NCP6951B ONSEMI-NCP6951B Datasheet
429Kb / 35P
Camera PMIC with Flash LED Driver
November, 2015 ??Rev. 0
logo
Texas Instruments
LM3550 TI1-LM3550_13 Datasheet
1Mb / 37P
5A Flash LED Driver with Automatic VLED and ESR Detection for Mobile Camera Systems
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Shanghai awinic technol...
AW2028H AWINIC-AW2028H Datasheet
1Mb / 39P
3 channel LED Driver with Audio Synchronization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com