Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F25L016A Datasheet(PDF) 21 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L016A
Description  16Mbit (2Mx8) 3V Only Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L016A Datasheet(HTML) 21 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L016A Datasheet HTML 17Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 18Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 19Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 20Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 21Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 22Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 23Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 24Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 25Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
ESMT
F25L016A
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2007
Revision: 1.2
21/31
ELECTRICAL SPECIFICATIONS
Absolute Maximum Stress Ratings
(Applied conditions greater than those listed under “Absolute
Maximum Stress Ratings” may cause permanent damage to the device. This is a stress rating only and functional operation of the
device at these conditions or conditions greater than those defined in the operational sections of this data sheet is not implied. Exposure
to absolute maximum stress rating conditions may affect device reliability.)
Temperature Under Bias . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . -55°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
D. C. Voltage on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5V to VDD+0.5V
Transient Voltage (<20 ns) on Any Pin to Ground Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .. . . . . . . . . . . . . . -2.0V to VDD+2.0V
Package Power Dissipation Capability (Ta = 25°C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1.0W
Surface Mount Lead Soldering Temperature (3 Seconds) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 240°C
Output Short Circuit Current1. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50 mA
1.
Output shorted for no more than one second. No more than one output shorted at a time.
AC CONDITIONS OF TEST
Input Rise/Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .. . 5 ns
Output Load . . . . . . . . . . . . . . . . . . . . . . . . CL = 15 pF for ≧75MHz
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .CL = 30 pF for ≦50MHz
See Figures 19 and 20
TABLE 4: DC OPERATING CHARACTERISTICS VDD = 2.7-3.6V ; TA=0~70oC
Limits
Symbol
Parameter
Min
Max
Units
Test Conditions
IDDR
Read Current
15
mA
CE =0.1 VDD/0.9 VDD@33 MHz, SO=open
IDDW
Program and Erase Current
40
mA
CE =VDD
ISB
Standby Current
75
µA
CE =VDD, VIN=VDD or VSS
ILI
ILO
Input Leakage Current
Output Leakage Current
1
1
µA
µA
VIN=GND to VDD, VDD=VDD Max
VOUT=GND to VDD, VDD=VDD Max
VIL
VIH
Input Low Voltage
Input High Voltage
0.7 VDD
0.8
V
V
VDD=VDD Min
VDD=VDD Max
VOL
VOH
Output Low Voltage
Output High Voltage
VDD-0.2
0.2
V
V
IOL=100 µA, VDD=VDD Min
IOH=-100 µA, VDD=VDD Min
TABLE 5 : RECOMMENDED SYSTEM POWER-UP TIMINGS
Symbol
Parameter
Minimum
Units
TPU-READ
1
VDD Min to Read Operation
10
µs
TPU-WRITE
1
VDD Min to Write Operation
10
µs
1.
This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
TABLE 6: CAPACITANCE (Ta = 25°C, f=1 Mhz, other pins open)
Parameter
Description
Test Condition
Maximum
COUT
1
Output Pin Capacitance
VOUT = 0V
12 pF
CIN
1
Input Capacitance
VIN = 0V
6 pF
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com