Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F25L016A Datasheet(PDF) 9 Page - Elite Semiconductor Memory Technology Inc.

Part # F25L016A
Description  16Mbit (2Mx8) 3V Only Serial Flash Memory
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESMT [Elite Semiconductor Memory Technology Inc.]
Direct Link  http://www.esmt.com.tw/index.asp
Logo ESMT - Elite Semiconductor Memory Technology Inc.

F25L016A Datasheet(HTML) 9 Page - Elite Semiconductor Memory Technology Inc.

Back Button F25L016A Datasheet HTML 5Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 6Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 7Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 8Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 9Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 10Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 11Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 12Page - Elite Semiconductor Memory Technology Inc. F25L016A Datasheet HTML 13Page - Elite Semiconductor Memory Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
ESMT
F25L016A
Elite Semiconductor Memory Technology Inc.
Publication Date: Mar. 2007
Revision: 1.2
9/31
Status Register
The software status register provides status on whether the flash
memory array is available for any Read or Write operation,
whether the device is Write enabled, and the state of the memory
Write protection. During an internal Erase or Program operation,
the status register may be read only to determine the completion
of an operation in progress.
Table 4 describes the function of each bit in the software status
register.
TABLE 4: SOFTWARE STATUS REGISTER
Bit
Name
Function
Default at
Power-up
Read/Write
0
BUSY
1 = Internal Write operation is in progress
0 = No internal Write operation is in progress
0
R
1
WEL
1 = Device is memory Write enabled
0 = Device is not memory Write enabled
0
R
2
BP0
Indicate current level of block write protection (See Table 5)
1
R/W
3
BP1
Indicate current level of block write protection (See Table 5)
1
R/W
4
BP2
Indicate current level of block write protection (See Table 5)
1
R/W
5
RESERVED Reserved for future use
0
N/A
6
AAI
Auto Address Increment WORD Programming status
1 = AAI programming mode
0 = Byte-Program mode
0
R
7
BPL
1 = BP2,BP1,BP0 are read-only bits
0 = BP2,BP1,BP0 are read/writable
0
R/W
Note1 : Only BP0,BP1,BP2 and BPL are writable
Note2 : All register bits are volatility
Note3 : All area are protected at power-on (BP2=BP1=BP0=1)
Busy
The Busy bit determines whether there is an internal Erase or
Program operation in progress. A “1” for the Busy bit indicates
the device is busy with an operation in progress. A “0” indicates
the device is ready for the next valid operation.
Write Enable Latch (WEL)
The Write-Enable-Latch bit indicates the status of the internal
memory Write Enable Latch. If the Write-Enable-Latch bit is set to
“1”, it indicates the device is Write enabled. If the bit is set to “0”
(reset), it indicates the device is not Write enabled and does not
accept any memory Write (Program/ Erase) commands. The
Write-Enable-Latch bit is automatically reset under the following
conditions:
•
Power-up
•
Write-Disable (WRDI) instruction completion
•
Byte-Program instruction completion
•
Auto Address Increment (AAI) programming is completed
or reached its highest unprotected memory address
•
Sector-Erase instruction completion
•
Block-Erase instruction completion
•
Chip-Erase instruction completion
•
Write-Status-Register instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com