Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ER2D Datasheet(PDF) 1 Page - Diotec Semiconductor

Part # ER2D
Description  Superfast Switching Surface Mount Si-Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

ER2D Datasheet(HTML) 1 Page - Diotec Semiconductor

  ER2D Datasheet HTML 1Page - Diotec Semiconductor ER2D Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ER2A ... ER2M
ER2A ... ER2M
Superfast Switching Surface Mount Si-Diodes
Superschnelle Si-Dioden für die Oberflächenmontage
Version 2006-07-04
Dimensions - Maße [mm]
Nominal current – Nennstrom
2 A
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
50...1000 V
Plastic case
Kunststoffgehäuse
~ SMB
~ DO-214AA
Weight approx. – Gewicht ca.
0.1 g
Plastic material has UL classification 94V-0
Gehäusematerial UL94V-0 klassifiziert
Standard packaging taped and reeled
Standard Lieferform gegurtet auf Rolle
Maximum ratings
Grenzwerte
Type
Typ
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V]
Surge peak reverse voltage
Stoßspitzensperrspannung
VRSM [V]
ER2A
50
50
ER2B
100
100
ER2D
200
200
ER2G
400
400
ER2J
600
600
ER2K
800
800
ER2M
1000
1000
Max. average forward rectified current, R-load
Dauergrenzstrom in Einwegschaltung mit R-Last
TT = 100°C
IFAV
2 A
Repetitive peak forward current
Periodischer Spitzenstrom
f > 15 Hz
IFRM
10 A 1)
Peak forward surge current, 50 Hz half sine-wave
Stoßstrom für eine 50 Hz Sinus-Halbwelle
TA = 25°C
IFSM
50 A
Rating for fusing, t < 10 ms
Grenzlastintegral, t < 10 ms
TA = 25°C
i2t
12.5 A2s
Junction temperature – Sperrschichttemperatur
Storage temperature – Lagerungstemperatur
Tj
TS
-50...+150°C
-50...+150°C
1
Max. temperature of the terminals TT = 100°C – Max. Temperatur der Anschlüsse TT = 100°C
© Diotec Semiconductor AG
http://www.diotec.com/
1
1.1
Type
Typ
5
± 0.5
5.4
± 0.5


Similar Part No. - ER2D

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2D PANJIT-ER2D Datasheet
64Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Surge Components
ER2D SURGE-ER2D Datasheet
84Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
logo
Transys Electronics
ER2D TRSYS-ER2D Datasheet
162Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
Dc Components
ER2D DCCOM-ER2D Datasheet
534Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SUPER FAST RECTIFIER
logo
Micro Commercial Compon...
ER2D MCC-ER2D Datasheet
902Kb / 3P
2 Amp Super Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - ER2D

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ER1A DIOTEC-ER1A Datasheet
163Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
ER2A DIOTEC-ER2A Datasheet
164Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
ER3A DIOTEC-ER3A Datasheet
165Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
SFE1A DIOTEC-SFE1A Datasheet
235Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
BAV100 DIOTEC-BAV100_07 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Si-Diodes
EGL1A DIOTEC-EGL1A_07 Datasheet
103Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
EGL34A DIOTEC-EGL34A_07 Datasheet
101Kb / 2P
Superfast Switching Surface Mount Si-Rectifiers
ER1A DIOTEC-ER1A_07 Datasheet
104Kb / 2P
Superfast Switching Surface Mount Si-Diodes
ER3A DIOTEC-ER3A_07 Datasheet
69Kb / 2P
Superfast Switching Surface Mount Si-Diodes
SFE1A DIOTEC-SFE1A_07 Datasheet
71Kb / 2P
Superfast Switching Surface Mount Si-Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com