Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS821 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS821
Description  1.225V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS821 Datasheet(HTML) 2 Page - STMicroelectronics

  TS821_07 Datasheet HTML 1Page - STMicroelectronics TS821_07 Datasheet HTML 2Page - STMicroelectronics TS821_07 Datasheet HTML 3Page - STMicroelectronics TS821_07 Datasheet HTML 4Page - STMicroelectronics TS821_07 Datasheet HTML 5Page - STMicroelectronics TS821_07 Datasheet HTML 6Page - STMicroelectronics TS821_07 Datasheet HTML 7Page - STMicroelectronics TS821_07 Datasheet HTML 8Page - STMicroelectronics TS821_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Absolute maximum ratings and operating conditions
TS821
2/9
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings (AMR)
Symbol
Parameter
Value
Unit
Ik
Reverse breakdown current
20
mA
If
Forward current
10
mA
Pd
Power dissipation(1) SOT23-3
1.
Pd is calculated with Tamb = 25°C and Tj = 150°C and Rthja = 340°C/W for the SOT23-3L package.
360
mW
Tstg
Storage temperature
-65 to +150
°C
ESD
Human body model (HBM)(2)
2.
Human body model: 100pF discharged through a 1.5k
Ω resistor between two pins of the device, done for
all couples of pin combinations with other pins floating.
2kV
Machine model (MM)(3)
3.
Machine model: a 200pF cap is charged to the specified voltage, then discharged directly between two pins
of the device with no external series resistor (internal resistor < 5
Ω), done for all couples of pin
combinations with other pins floating.
200
V
Tlead
Lead temperature (soldering, 10 seconds)
260
°C
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
Imin
Minimum operating current
45
μA
Imax
Maximum operating current
12
mA
Toper
Operating free air temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com