Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS821 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS821
Description  1.225V micropower shunt voltage reference
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS821 Datasheet(HTML) 1 Page - STMicroelectronics

  TS821_07 Datasheet HTML 1Page - STMicroelectronics TS821_07 Datasheet HTML 2Page - STMicroelectronics TS821_07 Datasheet HTML 3Page - STMicroelectronics TS821_07 Datasheet HTML 4Page - STMicroelectronics TS821_07 Datasheet HTML 5Page - STMicroelectronics TS821_07 Datasheet HTML 6Page - STMicroelectronics TS821_07 Datasheet HTML 7Page - STMicroelectronics TS821_07 Datasheet HTML 8Page - STMicroelectronics TS821_07 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
July 2007
Rev 2
1/9
9
TS821
1.225V micropower shunt voltage reference
Features
■ 1.225V typical output voltage
■ Ultra low operating current: 45
μA maximum at
25°C
■ High precision @ 25°C
– +/- 2% (standard version)
– +/- 1% (A grade)
– +/- 0.5% (B grade)
■ High stability when used with capacitive loads
■ Industrial temperature range: -40°C to +85°C
■ 120ppm/°C maximum temperature coefficient
Applications
■ Computers
■ Instrumentation
■ Battery chargers
■ Switch mode power supply
■ Battery operated equipment
Description
The TS821 is a low power shunt voltage reference
providing a stable 1.225V output voltage over the
industrial temperature range (-40°C to +85°C).
Availabe in SOT23-3 surface mount package, it
can be designed in applications where space
saving is critical.
The low operating current is a key advantage for
power restricted designs. In addition, the TS821 is
very stable and can be used in a broad range of
application conditions.
L
SOT23-3L
(Plastic micropackage)
Pin connections
(Top view)
www.st.com


Similar Part No. - TS821_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS821AILT STMICROELECTRONICS-TS821AILT Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
May-2000
TS821AIZ STMICROELECTRONICS-TS821AIZ Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
May-2000
TS821BILT STMICROELECTRONICS-TS821BILT Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
May-2000
TS821BIZ STMICROELECTRONICS-TS821BIZ Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
May-2000
TS821ILT STMICROELECTRONICS-TS821ILT Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
May-2000
More results

Similar Description - TS821_07

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS4041 STMICROELECTRONICS-TS4041 Datasheet
218Kb / 9P
1.225V MICROPOWER SHUNT VOLTAGE REFERENCE
Mar-2002
TS821 STMICROELECTRONICS-TS821 Datasheet
60Kb / 7P
1.225V MICROPOWER VOLTAGE REFERENCE
May-2000
logo
Zetex Semiconductors
ZXRE4041 ZETEX-ZXRE4041 Datasheet
61Kb / 4P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Zetex Semiconductors
LM4041 ZETEX-LM4041 Datasheet
106Kb / 6P
1.225V Precision micropower shunt voltage reference
logo
STMicroelectronics
TS4041 STMICROELECTRONICS-TS4041_07 Datasheet
125Kb / 9P
1.225V micropower shunt voltage reference
20-Aug-2007
logo
Advanced Monolithic Sys...
AMS4041 ADMOS-AMS4041_1 Datasheet
61Kb / 6P
MICROPOWER SHUNT VOLTAGE REFERENCE
logo
Diodes Incorporated
ZXRE4041 DIODES-ZXRE4041 Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
ZXRE4041DFTA DIODES-ZXRE4041DFTA Datasheet
109Kb / 5P
SOT23 MICROPOWER 1.225V VOLTAGE REFERENCE
Rev 6
logo
Texas Instruments
LM4431 TI-LM4431_15 Datasheet
845Kb / 14P
Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com