Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6010 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT6010
Description  312 Series of Encoders
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6010 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT6010 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Electrical Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD
Operating Voltage
¾¾
2.4
5
12
V
ISTB
Standby Current
3V
Oscillator stops
¾
0.1
1
mA
12V
¾
24
mA
IDD
Operating Current
3V
No load, fOSC=3kHz
¾
250
500
mA
12V
¾
600
1200
mA
ILED
LED Sink Current
5V
VLED=0.5V
1.5
3
¾
mA
IDOUT
Output Drive Current
5V
VOH=0.9VDD (Source)
-0.6
-1.2
¾
mA
5V
VOL=0.1VDD (Sink)
0.6
1.2
¾
mA
VIH
²H² Input Voltage
¾¾
0.8VDD
¾
VDD
V
VIL
²L² Input Voltage
¾¾
0
¾
0.2VDD
V
fOSC
Oscillator Frequency
5V
ROSC=1M
W¾
3
¾
kHz
RTE
TE Pull-high Resistance
5V
VTE=0V
¾
1.5
3
M
W
RDATA
D8~D11 Pull-high Resistance
5V
VDATA=0V
¾
1.5
3
M
W
Functional Description
Operation
The 3
12 series of encoders begin with a four (HT6010) or a one (HT6012/HT6014) word transmission cycle upon receipt
of a transmission enable (TE for the HT6010 or D8~D11 for the HT6012/HT6014, active low). This cycle will repeat itself
as long as the transmission enable (TE or D8~D11) is held low. Once the transmission enable returns high the encoder
output completes its final cycle and then stops as shown below.
Information Word
An information word is composed of four periods as shown:
HT6010/HT6012/HT6014
Rev. 1.20
5
September 9, 2003
1 / 6 b i t s y n c . p e r i o d
p i l o t p e r i o d ( 6 b i t s )
a d d r e s s c o d e p e r i o d
d a t a c o d e
p e r i o d
Composition of Information
T E o r
D 8 ~ D 1 1
1 o r 4 w o r d s
1 o r 4
w o r d s
E n c o d e r
D a t a O u t
T r a n s m i t t e d
C o n t i n u o u s l y
< 1 w o r d
Transmission Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com