Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT6010 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT6010
Description  312 Series of Encoders
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6010 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT6010 Datasheet HTML 1Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 2Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 3Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 4Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 5Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 6Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 7Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 8Page - Holtek Semiconductor Inc HT6010 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Pin Description
Pin Name
I/O
Internal
Connection
Description
A0~A9
I
TRANSMISSION
GATE
Input pins for address A0~A9 setting
They can be externally set to VDD or VSS or left open.
AD8~AD11
I
TRANSMISSION
GATE
Input pins for address/data (AD8~AD11) setting
They can be externally set to VDD or VSS or left open.
D8~D11
I
CMOS IN
Pull-high
Input pins for data (D8~D11) setting and transmission enable (active low)
They can be externally set to VSS or left open (see Note).
DOUT
O
CMOS OUT
Encoder data serial transmission output
LED
O
NMOS OUT
Transmission enable indicator, active low
TE
I
CMOS IN
Pull-high
Transmission enable, active low (see Note)
OSC1
I
OSCILLATOR
Oscillator input pin
OSC2
O
OSCILLATOR
Oscillator output pin
VSS
¾¾
Negative power supply, ground
VDD
¾¾
Positive power supply
Note:
D8~D11 are data input and transmission enable pins of the HT6012/HT6014.
TE is the transmission enable pin of the HT6010.
Approximate Internal Connections
Absolute Maximum Ratings
Supply Voltage ............................VSS
-0.3V to VSS+13V
Storage Temperature ............................
-50°Cto125°C
Input Voltage ................................VSS
-0.3 to VDD+0.3V
Operating Temperature...........................
-20°Cto75°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT6010/HT6012/HT6014
Rev. 1.20
4
September 9, 2003
T R A N S M I S S I O N
G A T E
C M O S I N
P u l l - h i g h
C M O S O U T
N M O S O U T
O S C I L L A T O R
O S C 1
O S C 2
E N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com