Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA131 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YDA131
Description  D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA131 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YDA131 Datasheet HTML 7Page - YAMAHA CORPORATION YDA131 Datasheet HTML 8Page - YAMAHA CORPORATION YDA131 Datasheet HTML 9Page - YAMAHA CORPORATION YDA131 Datasheet HTML 10Page - YAMAHA CORPORATION YDA131 Datasheet HTML 11Page - YAMAHA CORPORATION YDA131 Datasheet HTML 12Page - YAMAHA CORPORATION YDA131 Datasheet HTML 13Page - YAMAHA CORPORATION YDA131 Datasheet HTML 14Page - YAMAHA CORPORATION YDA131 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
YDA131
11
■
Application circuit
Outline of components that are connected externally to this IC.
CP1, CP3
Capacitors for stabilization of the power supply
CP2, CP4, RP2, RP4
Capacitors and resistors for stabilization of the power supply (snubber)
CR1
Capacitor for stabilization of reference voltage, and capacitor for stabilization of starting.
CI
Input AC coupling capacitor: RI and CI form a high pass filter.
RI
Inversion input resistor that determines the gain.
RF
Feedback resistor for determining the gain.
CF
Capacitor for input low pass filter.
LO
Output inductance: Being combined with CO, the component forms the secondary filter that
removes the high frequency and delivers an amplified audio signal to the load.
CO
Output capacitor
DS
Shottkey-diode for terminal protection (equivalent to 11EQS04)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com