Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA131 Datasheet(PDF) 13 Page - YAMAHA CORPORATION

Part # YDA131
Description  D- 1 STEREO 2.5W DIGITAL AUDIO POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA131 Datasheet(HTML) 13 Page - YAMAHA CORPORATION

Back Button YDA131 Datasheet HTML 9Page - YAMAHA CORPORATION YDA131 Datasheet HTML 10Page - YAMAHA CORPORATION YDA131 Datasheet HTML 11Page - YAMAHA CORPORATION YDA131 Datasheet HTML 12Page - YAMAHA CORPORATION YDA131 Datasheet HTML 13Page - YAMAHA CORPORATION YDA131 Datasheet HTML 14Page - YAMAHA CORPORATION YDA131 Datasheet HTML 15Page - YAMAHA CORPORATION YDA131 Datasheet HTML 16Page - YAMAHA CORPORATION YDA131 Datasheet HTML 17Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
YDA131
13
■
Electrical characteristics
1. Absolute maximum rating
Item
Symbol
Rating
Unit
VDD terminal power supply voltage *1
VDD
VSS -0.5~VSS +6.0
V
Digital input terminal voltage
VDIN
VSS -0.5~VDD+0.5
V
Analog input terminal voltage
VAIN
VSS -0.5~VDD+0.5
V
Storage temperature
TSTG
-50~125
°C
Maximum allowable loss (Ta=85°C)
PD85
413
mW
Maximum allowable loss (Ta=25°C)
PD25
1034
mW
Junction temperature
Tjmax
125
°C
Note. *1:VDD covers all of VDD terminals, including VDDPL, VDDPR, VDDL and VDDR.
VSS covers all of VSS terminals, including VSSPL, VSSPR, VSSL, VSSR and VSS.
2. Recommended operating conditions
Item
Symbol
Min.
Typ.
Max.
Unit
Power supply voltage
VDD
3.15
5.0
5.25
V
Operating ambient temperature
(ambient temperature Ta)
TOP
-40
25
85
°C
Output load impedance
RL
4
Ω
3. DC characteristics (VDD=5V±0.25V, Ta=-40 to 85°C)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Output voltage "H" level
VOH
IOH= -80µA、PROT terminal
VDD-1.0
V
Output voltage "L" level
VOL
IOL= 1.6mA、PROT terminal
VSS+0.4
V
Input voltage "H" level
VIH
SLEEP, MUTE terminal
3.5
V
Input voltage "L" level
VIL
SLEEP, MUTE terminal
1.0
V
Consumption current 1
IDD1
at SLEEP mode
1
µA
Consumption current 2
IDD2
at MUTE mode
7
mA
Consumption current 3
IDD3
no signal, no filter
14
mA
Note. These values do not guarantee the characteristics at VDD=3.3V±0.15V.
4. Analog characteristics (VDD=5.0V, Ta=25°C, Frequency=1kHz)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Maximum output
Po
THD+N=10%、RL=4Ω
2.5
W
Voltage gain
(RI=7.5kΩ, RF=47kΩ)
Av
RL=4Ω
24
dB
Total harmonic distortion
(20kHz Band Width)
THD+N RL=4Ω, Po=1.0W
0.018
%
Signal/noise ratio
(
A-Filter)
SNR
Input sensitivity 1.0V RL=4Ω
Input sensitivity 150mV RL=4Ω
103
97
dB
dB
Channel separation
CS
RL=4Ω
80
dB
Maximum efficiency
η
RL=8Ω
RL=4Ω
85
75
%
%
Output offset voltage
Vo
RL=4Ω
6
mV
Note. All the analog characteristics shown above are the values obtained on the DMB-D1, Yamaha's YDA131
evaluation board.
The characteristics may vary according to the coils and capacitors that are used, pattern layout and other
factors.
These values do not guarantee the characteristics at VDD=3.3±0.5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com