Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA137 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YDA137
Description  D- 2 STEREO 5W DIGITAL AUDIO POWER AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA137 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YDA137 Datasheet HTML 7Page - YAMAHA CORPORATION YDA137 Datasheet HTML 8Page - YAMAHA CORPORATION YDA137 Datasheet HTML 9Page - YAMAHA CORPORATION YDA137 Datasheet HTML 10Page - YAMAHA CORPORATION YDA137 Datasheet HTML 11Page - YAMAHA CORPORATION YDA137 Datasheet HTML 12Page - YAMAHA CORPORATION YDA137 Datasheet HTML 13Page - YAMAHA CORPORATION YDA137 Datasheet HTML 14Page - YAMAHA CORPORATION YDA137 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
YDA137
11
●
Headphone Amplifier Function
Analog
Input
CI
RI
INL/R
Rsw=
400Ω
19.6kΩ
30kΩ
30kΩ
VREFL/R
VREFL/R
HPOL/R
ENB
Headphone Amplifier Circuit
When setting H to HP terminal, it enters headphone amplifier output mode. At this time, the digital amplifier enters the
Mute Mode.
Headphone amplifier section is comprised of the first stage operational amplifier and a class AB single-end output
amplifier.
In the first stage operational amplifier section, gain can be set by connecting an input resistor RI externally.
The latter stage is a high current output amplifier applicable to 16Ω load. VREF terminal voltage (vias) is applied to the
headphone amplifier output, so that connect the output to headphone through AC coupling capacitor, as shown in the
application circuit example.
Gain Setting
Gain of the first inverting amplifier can be calculated according to the following formula. In addition, class AB amplifier
gain is 0dB.
AVHP = 20×log
10(19.6k / (RI + 400))
4.7kΩis selected as an input resistor RI, and total gain is set to 11.7dB.
In this setting, 150mVrms input can yield the maximum output of 20mW.
Relation between an external resistor value and output level in typical input sensitivity is shown in the table below.
Input Sensitivity
150mVrms
1.0Vrms
2.0Vrms
External input resistor RI
4.7kΩ
33kΩ
68kΩ
External feedback resistor RFB
for digital amplifier
39kΩ
39kΩ
43kΩ
Digital amplifier output (RL=3Ω)
3.14Vrms (3.28W or so)
2.98Vrms (2.96W or so)
3.19Vrms (3.38W or so)
Headphone amplifier output (RL=16Ω)
0.566Vrms (20.0mW)
0.586Vrms (21.4mW)
0.573Vrms (20.5mW)
A low cutoff frequency is found by the following formula with an AC coupling capacitor (CHO) and a load resistor (RHO)
of the headphone amplifier.
f
CHP = 1 / (2×π×CHO×RHO)
:R
HO=load resistor
Headphone Amplifier Switching Function
By making up a headphone circuit as shown in the application circuit example, two modes can be switched automatically
according to the existence of headphone.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com