Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YDA142 Datasheet(PDF) 11 Page - YAMAHA CORPORATION

Part # YDA142
Description  D- 3D DIGITAL INPUT STEREO 9.5W DIGITAL AUDIO POWER AMPLIFIER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YDA142 Datasheet(HTML) 11 Page - YAMAHA CORPORATION

Back Button YDA142 Datasheet HTML 7Page - YAMAHA CORPORATION YDA142 Datasheet HTML 8Page - YAMAHA CORPORATION YDA142 Datasheet HTML 9Page - YAMAHA CORPORATION YDA142 Datasheet HTML 10Page - YAMAHA CORPORATION YDA142 Datasheet HTML 11Page - YAMAHA CORPORATION YDA142 Datasheet HTML 12Page - YAMAHA CORPORATION YDA142 Datasheet HTML 13Page - YAMAHA CORPORATION YDA142 Datasheet HTML 14Page - YAMAHA CORPORATION YDA142 Datasheet HTML 15Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
YDA142
11
■
Example of application circuit
ID
Value
Element
C1
1μF/16V
Multilayer ceramic capacitor
C2,C3
1μF/16V
Multilayer ceramic capacitor
C4
0.1μF/16V
Multilayer ceramic capacitor
C5
1μF/25V
Multilayer ceramic capacitor
C6,C7,C8,C9
4.7μF/25V
Multilayer ceramic capacitor
R1
100kΩ, 1/16W
Chip Resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com