Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT614 Datasheet(PDF) 5 Page - Holtek Semiconductor Inc

Part # HT614
Description  318 Series of Decoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT614 Datasheet(HTML) 5 Page - Holtek Semiconductor Inc

  HT614 Datasheet HTML 1Page - Holtek Semiconductor Inc HT614 Datasheet HTML 2Page - Holtek Semiconductor Inc HT614 Datasheet HTML 3Page - Holtek Semiconductor Inc HT614 Datasheet HTML 4Page - Holtek Semiconductor Inc HT614 Datasheet HTML 5Page - Holtek Semiconductor Inc HT614 Datasheet HTML 6Page - Holtek Semiconductor Inc HT614 Datasheet HTML 7Page - Holtek Semiconductor Inc HT614 Datasheet HTML 8Page - Holtek Semiconductor Inc HT614 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Encoder/Decoder Selection Tables
· Latch type of data output
Part No.
Data
Pins
Address
Pins
VT
Pair Encoder
Package
Encoder
Decoder
DIP
SOP
SKDIP
DIP
SOP
SKDIP
HT604L
4
10
Ö
HT600
20
20
¾
20
20
¾
HT6207
20
¾
· Momentary type of data output
Part No.
Data
Pins
Address
Pins
VT
Pair Encoder
Package
Encoder
Decoder
DIP
SOP
SKDIP
DIP
SOP
SKDIP
HT692
2
10
Ö
HT680
18
¾¾
18
¾¾
HT614
4
10
Ö
HT600
20
20
¾
20
20
¾
HT6207
20
¾
Address/Data Sequence
The following provides a table of address/data sequence for various models of the 3
18 series decoders.
Part No.
Address/Data Bits
0~3
4
5
6~9
10
11
12
13
14
15
16
17
HT604L
A0~A3
A4
¾
A6~A9
¾
A11
D12
D13
D14
D15
¾¾
HT614
A0~A3
A4
¾
A6~A9
¾
A11
D12
D13
D14
D15
¾¾
HT692
A0~A3
¾¾
A6~A9
¾
A11
A12
¾
D14
D15
¾¾
Note:
²¾² is a dummy code which is left ²open² and not bonded out.
Oscillator Frequency vs. Supply Voltage
The recommended oscillator frequency is fOSCD (decoder)
@ fOSCE (encoder)
HT604L/HT614/HT692
Rev. 1.10
5
January 24, 2003
R o s c ( 9 )
1 2 0 k
1 5 0 k
1 8 0 k
2 2 0 k
2 7 0 k
3 3 0 k
3 9 0 k
4 7 0 k
5 6 0 k
6 8 0 k
8 2 0 k
1 M
1 . 5 M
2 M
V D D ( V D C )
3 . 0 0
2 . 7 5
2 . 5 0
2 . 2 5
2 . 0 0
1 . 7 5
1 . 5 0
1 . 2 5
( 1 0 0 k H z ) 1 . 0 0
0 . 7 5
0 . 5 0
0 . 2 5
f o s c
( S c a l e )
2
3
4
5
6
7
8
9
1 0
1 1
1 2 1 2 . 5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com