Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT614 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT614
Description  318 Series of Decoders
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT614 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT614 Datasheet HTML 1Page - Holtek Semiconductor Inc HT614 Datasheet HTML 2Page - Holtek Semiconductor Inc HT614 Datasheet HTML 3Page - Holtek Semiconductor Inc HT614 Datasheet HTML 4Page - Holtek Semiconductor Inc HT614 Datasheet HTML 5Page - Holtek Semiconductor Inc HT614 Datasheet HTML 6Page - Holtek Semiconductor Inc HT614 Datasheet HTML 7Page - Holtek Semiconductor Inc HT614 Datasheet HTML 8Page - Holtek Semiconductor Inc HT614 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Decoder timing
HT604L/HT614/HT692
Rev. 1.10
4
January 24, 2003
Functional Description
Operation
The 3
18 series of decoders provide various combina-
tions of address and data pins in different packages. It is
paired with the 3
18 series of encoders. The decoders re-
ceive data transmitted by the encoders and interpret the
first N bits of the code period as address and the last
18
-N bits as data (where N is the address code num-
ber). A signal on the DIN pin then activates the oscillator
which in turns decodes the incoming address and data.
The decoders will check the received address twice
continuously. If all the received address codes match
the contents of the decoder
¢s local address, the 18-N
bits of data are decoded to activate the output pins, and
the VT pin is set high to indicate a valid transmission.
That will last until the address code is incorrect or no sig-
nal has been received. The output of the VT pin is high
only when the transmission is valid. Otherwise it is al-
ways low.
Output Type
There are two types of output to select from:
· Momentary type
The data outputs follow the encoder during a valid
transmission and then reset.
· Latch type
The data outputs follow the encoder during a valid
transmission, and are then latched in this state until
the next valid transmission occurs.
Flowchart
Note: The oscillator is disabled in the standby state
and activated as long as a logic
²high² signal
is applied to the DIN pin. i.e., the DIN should
be kept
²low² if there is no signal input.
Y e s
C o d e i n ?
S t o r e d a t a
N o
Y e s
N o
N o
N o
Y e s
S t a n d b y m o d e
D i s a b l e V T &
i g n o r e t h e r e s t o f
t h i s w o r d
Y e s
N o
Y e s
A d d r e s s o r
d a t a e r r o r ?
L a t c h / M o m e n t a r y
d a t a t o o u t p u t &
a c t i v a t e V T
A d d r e s s b i t s
m a t c h e d ?
M a t c h
p r e v i o u s s t o r e d
d a t a ?
2 t i m e s
o f c h e c k i n g
c o m p l e t e d ?
P o w e r o n
2
c l o c k s
1 4
3 w o r d s
3 w o r d s
E n c o d e r
D a t a O u t
T r a n s m i t t e d
C o n t i n u o u s l y
< 1 w o r d
E n c o d e r
T r a n s m i s s i o n
E n a b l e
c h e c k
D e c o d e r V T
L a t c h e d
D a t a O u t
M o m e n t a r y
D a t a O u t
c h e c k
1 / 2 c l o c k p e r i o d
1 / 2 c l o c k p e r i o d
2 w o r d s
2
c l o c k s
1 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com