Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36M4 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT36M4
Description  Music Synthesizer 8-Bit MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36M4 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT36M4 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
HT36M4
Rev. 1.10
6
March 14, 2007
Program ROM
HT36M4 provides 16 address lines WA15~WA0 to read
the Program ROM which is up to 1M bits, and is com-
monly used for the wavetable voice codes and the pro-
gram memory. It provides two address types, one type is
for program ROM, which is addressed by a bank pointer
PF2~PF0 and a 13-bit program counter PC12~PC0;
and the other type is for wavetable code, which is ad-
dressed by the start address ST0~ST11. On the pro-
gram type, WA15~WA0= PF2~PF0
´213+PC12~PC0.
On the wave table ROM type, WA16~WA0=
ST11~ST0
´25´8-bit.
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
8192
´16 bits, addressed by the bank pointer, program
counter and table pointer.
Certain locations in the program memory of each bank
are reserved for special usage:
· Location 000H on bank0
This area is reserved for the initialization program. Af-
ter chip reset, the program always begins execution at
location 000H on bank0.
· Location 004H
This area is reserved for the external interrupt service
program. If the INT input pin is activated, the interrupt
is enabled and the stack is not full, the program will
jump to location 004H and begins execution.
· Location 008H
This area is reserved for the Timer/Event Counter 0 in-
terrupt service program on each bank. If timer interrupt
results from a Timer/Event Counter 0 overflow, and if the
interrupt is enabled and the stack is not full, the program
begins execution at location 008H corresponding to its
bank.
· Location 00CH
This area is reserved for the Timer/Event Counter 1
interrupt service program on each bank. If a timer in-
terrupt results from a Timer/Event Counter 1 overflow,
and if the interrupt is enabled and the stack is not full,
the program begins execution at location 00CH corre-
sponding to its bank.
· Table location
Any location in the ROM space can be used as
look-up tables. The instructions
²TABRDC [m]² (the
current page, 1 page=256 words) and
²TABRDL [m]²
(the last page) transfer the contents of the lower-order
byte to the specified data memory, and the
higher-order byte to TBLH (08H). Only the destination
of the lower-order byte in the table is well-defined, the
higher-order byte of the table word are transferred to
the TBLH. The Table Higher-order byte register
(TBLH) is read only. The Table Pointer (TBLP) is a
read/write register (07H), which indicates the table lo-
cation. Before accessing the table, the location must
be placed in the TBLP. The TBLH is read only and
cannot be restored. If the main routine and the ISR
(Interrupt Service Routine) both employ the table read
instruction, the contents of the TBLH in the main rou-
tine are likely to be changed by the table read instruc-
tion used in the ISR. Errors can occur. In this case,
using the table read instruction in the main routine and
the ISR simultaneously should be avoided. However,
if the table read instruction has to be applied in both
the main routine and the ISR, the interrupt should be
disabled prior to the table read instruction. It will not be
enabled until the TBLH has been backed up. All table
related instructions need 2 cycles to complete the op-
eration. These areas may function as normal program
memory depending upon user requirements.
0 0 0 4 H
0 0 0 8 H
1 6 b i t s
P r o g r a m
R O M
n 0 0 H
1 F F F H
N o t e : n r a n g e s f r o m 0 0 t o 1 F .
n F F H
0 0 0 C H
T i m e r / e v e n t C o u n t e r 0 i n t e r r u p t s u b r o u t i n e
L o o k - u p t a b l e ( 2 5 6 w o r d s )
L o o k - u p t a b l e ( 2 5 6 w o r d s )
T i m e r / e v e n t C o u n t e r 1 i n t e r r u p t s u b r o u t i n e
E x t e r n a l i n t e r r u p t s u b r o u t i n e
D e v i c e i n i t i a l i z a t i o n p r o g r a m
0 0 0 0 H
Program Memory for Each Bank
Instruction (s)
Table Location
*15~*13
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P15~P13
P12
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
111
11111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*12~*0: Bits of table location
@7~@0: Bits of table pointer
P15~P8: Bits of current Program Counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com