Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36M4 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36M4
Description  Music Synthesizer 8-Bit MCU
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36M4 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36M4 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36M4 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-1108.950
1261.050
12
1146.750
-1250.000
2
-1076.600
1135.900
13
1146.750
-1139.400
3
-1076.600
1030.900
14
1146.750
-1039.400
4
-1146.750
-460.600
15
1146.750
-928.800
5
-1146.750
-1044.234
16
1146.750
-828.800
6
-1146.750
-1147.786
17
1146.750
-286.200
7
-1146.750
-1260.200
18
-153.300
1256.550
8
-292.374
-1256.550
19
-253.300
1256.550
9
-187.326
-1256.550
20
-363.900
1256.550
10
-85.550
-1256.550
21
-463.900
1256.550
11
25.050
-1256.550
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Function
1
AUDIO
O
¾
Audio output
2, 3
VDDA, VSSA
¾¾
DAC power supply
7, 4
VDD, VSS
¾¾
Digital power supply, ground
5
OSC2
O
¾
XOUT or 1/4 system frequency in R mode (fOSC2=fOSC/8)
6
OSC1
I
X
¢tal/Resistor XIN for X¢tal or ROSC in for resistor by mask option
8
INT
I
Pull-High
External interrupt
9
RES
I
¾
Reset input, active low
17~10
PA7~PA0
I/O
Pull-High
or None
Bidirectional 8-bit Input/Output port, wake-up by mask option
21~18
PB0~PB3
I/O
Pull-High
or None
Bidirectional 8-bit input/output port
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those listed
in the specification is not implied and prolonged exposure to extreme conditions may affect device reliability.
HT36M4
Rev. 1.10
3
March 14, 2007



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com