Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5L06RL Datasheet(PDF) 3 Page - STMicroelectronics

Part # STTH5L06RL
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5L06RL Datasheet(HTML) 3 Page - STMicroelectronics

  STTH5L06RL Datasheet HTML 1Page - STMicroelectronics STTH5L06RL Datasheet HTML 2Page - STMicroelectronics STTH5L06RL Datasheet HTML 3Page - STMicroelectronics STTH5L06RL Datasheet HTML 4Page - STMicroelectronics STTH5L06RL Datasheet HTML 5Page - STMicroelectronics STTH5L06RL Datasheet HTML 6Page - STMicroelectronics STTH5L06RL Datasheet HTML 7Page - STMicroelectronics STTH5L06RL Datasheet HTML 8Page - STMicroelectronics STTH5L06RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
STTH5L06
Characteristics
3/10
Table 4.
Dynamic electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 1 A dIF/dt = - 50 A/µs
VR = 30V
Tj = 25°C
65
95
ns
tfr
Forward recovery time
IF = 5 A dIF/dt = 100 A/µs
VFR = 1.1 x VFmax
Tj = 25°C
150
ns
VFP
Forward recovery time
IF = 5 A dIF/dt = 100 A/µs
Tj = 25°C
7V
Figure 1.
Conduction losses versus average
current
Figure 2.
Forward voltage drop versus
forward current
0
1
2
3
4
5
6
7
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
δ = 0.05
δ = 0.1
δ = 0.2
δ = 0.5
δ = 1
T
δ=tp/T
tp
P(W)
I
(A)
F(AV)
0.1
1.0
10.0
100.0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
I
(A)
FM
V
(V)
FM
T =25°C
(maximum values)
j
T =150°C
(maximum values)
j
T =150°C
(typical values)
j
Figure 3.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220AC, DPAK)
Figure 4.
Relative variation of thermal
impedance junction to case versus
pulse duration (TO-220FPAC)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Z/R
th(j-c)
th(j-c)
t (s)
p
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
T
δ=tp/T
tp
δ = 0.5
δ = 0.2
δ = 0.1
Single pulse
Z/R
th(j-c)
th(j-c)
t (s)
p



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com