Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH5L06RL Datasheet(PDF) 5 Page - STMicroelectronics

Part # STTH5L06RL
Description  Turbo 2 ultrafast high voltage rectifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH5L06RL Datasheet(HTML) 5 Page - STMicroelectronics

  STTH5L06RL Datasheet HTML 1Page - STMicroelectronics STTH5L06RL Datasheet HTML 2Page - STMicroelectronics STTH5L06RL Datasheet HTML 3Page - STMicroelectronics STTH5L06RL Datasheet HTML 4Page - STMicroelectronics STTH5L06RL Datasheet HTML 5Page - STMicroelectronics STTH5L06RL Datasheet HTML 6Page - STMicroelectronics STTH5L06RL Datasheet HTML 7Page - STMicroelectronics STTH5L06RL Datasheet HTML 8Page - STMicroelectronics STTH5L06RL Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
STTH5L06
Characteristics
5/10
Figure 11.
Transient peak forward voltage
versus dIF/dt (90% confidence)
Figure 12.
Forward recovery time versus dIF/dt
(90% confidence)
0
1
2
3
4
5
6
7
8
9
10
0
20
40
60
80
100
120
140
160
180
200
V
(V)
FP
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
0
20
40
60
80
100
120
140
160
180
200
0
20
40
60
80
100
120
140
160
180
200
t (ns)
fr
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
Figure 13.
Junction capacitance versus
reverse voltage applied (typical
values)
Figure 14.
Thermal resistance junction to
ambient versus copper surface
under tab (epoxy FR4, eCU = 35 µm)
(DPAK)
Figure 15.
Thermal resistance junction to
ambient versus copper surface
under each lead (epoxy printed
circuit board FR4, copper
thickness: 35µm) (DO-201AD)
1
10
100
1
10
100
1000
C(pF)
V (V)
R
F=1MHz
V
=30mV
T =25°C
OSC
j
0
2
4
6
8
1012141618
20
0
10
20
30
40
50
60
70
80
R
(°C/W)
th(j-a)
S
(cm²)
CU
0
10
20
30
40
50
60
70
80
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
R
(°C/W)
th(j-a)
DO-201AD
S
(cm²)
CU



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com