Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3545 Datasheet(PDF) 1 Page - Supertex, Inc

Part # DN3545
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3545 Datasheet(HTML) 1 Page - Supertex, Inc

  DN3545 Datasheet HTML 1Page - Supertex, Inc DN3545 Datasheet HTML 2Page - Supertex, Inc DN3545 Datasheet HTML 3Page - Supertex, Inc DN3545 Datasheet HTML 4Page - Supertex, Inc DN3545 Datasheet HTML 5Page - Supertex, Inc DN3545 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DN3545
Features
High input impedance
Low input capacitance
Fast switching speeds
Low on resistance
Free from secondary breakdown
Low input and output leakage
Applications
Normally-on switches
Solid state relays
Converters
Linear amplifiers
Constant current sources
Power supply circuits
Telecom
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
These depletion-mode (normally-on) transistors utilize an
advanced vertical DMOS structure and Supertex’s well-
proven silicon-gate manufacturing process. This combination
produces devices with the power handling capabilities of
bipolar transistors and with the high input impedance and
positive temperature coefficient inherent in MOS devices.
Characteristic of all MOS structures, these devices are free
from thermal runaway and thermally-induced secondary
breakdown.
Supertex’s vertical DMOS FETs are ideally suited to a
wide range of switching and amplifying applications where
high breakdown voltage, high input impedance, low input
capacitance, and fast switching speeds are desired.
Absolute Maximum Ratings
Parameter
Value
Drain-to-source voltage
BV
DSX
Drain-to-gate voltage
BV
DGX
Gate-to-source voltage
±20V
Operating and storage
temperature
-55OC to +150OC
Soldering temperature*
300OC
Absolute Maximum Ratings are those values beyond which damage to the device
may occur. Functional operation under these conditions is not implied. Continuous
operation of the device at the absolute rating level may affect device reliability. All
voltages are referenced to device ground.
*Distance of 1.6mm from case for 10 seconds.
Ordering Information
BV
DSX/
BV
DGX
R
DS(ON)
(max)
I
DSS
(min)
Package Options
TO-92
TO-243AA (SOT-89)
450V
20Ω
200mA
DN3545N3
DN3545N8
DN3545N3-G
DN3545N8-G
-G indicates package is RoHS compliant (‘Green’)
N-Channel Depletion-Mode
Vertical DMOS FET
Package Options
D
G
S
TO-92
(front view)
TO-243AA
(top view)
G
D
S
D


Similar Part No. - DN3545

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN3545 SUTEX-DN3545 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545N3 SUTEX-DN3545N3 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545N8 SUTEX-DN3545N8 Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545ND SUTEX-DN3545ND Datasheet
102Kb / 4P
N-Channel Depletion-Mode Vertical DMOS FETs
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
More results

Similar Description - DN3545

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
DN2470 SUTEX-DN2470 Datasheet
134Kb / 2P
N-CHANNEL DEPLETION - MODE VERTICAL DMOS FET
DN1590 SUTEX-DN1590 Datasheet
363Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
DN2470 SUTEX-DN2470_07 Datasheet
416Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
DN3765 SUTEX-DN3765 Datasheet
460Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
logo
Clare, Inc.
CPC3703 CLARE-CPC3703_12 Datasheet
112Kb / 5P
N-Channel Depletion-Mode Vertical DMOS FET
logo
Supertex, Inc
DN3765 SUTEX-DN3765_13 Datasheet
568Kb / 3P
N-Channel Depletion-Mode Vertical DMOS FET
DN3545 SUTEX-DN3545_13 Datasheet
858Kb / 6P
N-Channel Depletion-Mode Vertical DMOS FET
logo
Microchip Technology
DN2530 MICROCHIP-DN2530 Datasheet
372Kb / 13P
N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
DN2470 MICROCHIP-DN2470 Datasheet
337Kb / 11P
N-Channel, Depletion-Mode, Vertical DMOS FET
07/14/15
DN3525 MICROCHIP-DN3525 Datasheet
451Kb / 14P
N-Channel Depletion-Mode Vertical DMOS FET
10/25/17
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com