Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DN3545 Datasheet(PDF) 4 Page - Supertex, Inc

Part # DN3545
Description  N-Channel Depletion-Mode Vertical DMOS FET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

DN3545 Datasheet(HTML) 4 Page - Supertex, Inc

  DN3545 Datasheet HTML 1Page - Supertex, Inc DN3545 Datasheet HTML 2Page - Supertex, Inc DN3545 Datasheet HTML 3Page - Supertex, Inc DN3545 Datasheet HTML 4Page - Supertex, Inc DN3545 Datasheet HTML 5Page - Supertex, Inc DN3545 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
DN3545
Typical Performance Curves (cont.)
ID (Amperes)
On Resistance vs. Drain Current
VGS(OFF) and RDS(ON) w/ Temperature
TJ (
oC)
Transfer Characteristics
VGS (Volts)
-50
0
50
100
150
0.8
0.9
1.0
1.1
1.2
ID = 100µA
VGS = -5V
-3
-2
-1
0
1
2
0
0.2
0.4
0.6
0.8
1.0
VDS = 10V
TA = -55
oC
TA = 125
oC
TA = 25
oC
0.5
0.7
0.9
1.1
1.3
1.5
0.4
0.8
1.2
1.6
2.0
2.4
-50
0
50
100
150
RDS(ON) @ 0V, 150mA
VGS(OFF) @ 10µA
0
10203040
0
50
100
150
200
250
300
CRSS
COSS
CISS
VGS = -5V
0123456
-5
-4
-3
-2
-1
0
1
2
3
ID = 150mA
VDS = 30V
TJ (
oC)
BVDSS Variation with Temperature
Capacitance vs. Drain Source Voltage
VDS (Volts)
0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
Gate Drive Dynamic Characteristics
Q (Nanocoulombs)
G
VGS = 0V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com