Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC307 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # HVC307
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC307 Datasheet(HTML) 1 Page - Renesas Technology Corp

  HVC307 Datasheet HTML 1Page - Renesas Technology Corp HVC307 Datasheet HTML 2Page - Renesas Technology Corp HVC307 Datasheet HTML 3Page - Renesas Technology Corp HVC307 Datasheet HTML 4Page - Renesas Technology Corp HVC307 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev.1.00 Feb 10, 2005 page 1 of 4
HVC307
Variable Capacitance Diode for VHF tuner
REJ03G0515-0100
(Previous: ADE-208-962)
Rev.1.00
Feb 10, 2005
Features
• High capacitance ratio (n = 12.0 min) .
• Low series resistance. (rs = 0.85Ω max).
• Ultra small Flat Lead Package (UFP) is suitable for surface mount design.
Ordering Information
Type No.
Laser Mark
Renesas Code
Previous Code
HVC307
7
PWSF0002ZA-A
UFP
Pin Arrangement
12
Cathode mark
Mark
1. Cathode
2. Anode


Similar Part No. - HVC307

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HVC30 ETC1-HVC30 Datasheet
71Kb / 2P
100mA SILICON CARTRIDGE RECTIFIERS
logo
Hitachi Semiconductor
HVC300A HITACHI-HVC300A Datasheet
35Kb / 5P
Variable Capacitance Diode for VHF tuner
logo
Leshan Radio Company
HVC300A LRC-HVC300A Datasheet
46Kb / 2P
Variable Capacitance Diode for VHF Tuner?
logo
Hitachi Semiconductor
HVC300B HITACHI-HVC300B Datasheet
25Kb / 5P
Variable Capacitance Diode for VHF tuner
logo
Renesas Technology Corp
HVC300B RENESAS-HVC300B Datasheet
240Kb / 5P
Variable Capacitance Diode for VHF tuner
More results

Similar Description - HVC307

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
HVU300B LRC-HVU300B Datasheet
46Kb / 2P
Variable Capacitance Diode for VHF Tuner
logo
Renesas Technology Corp
HVC306C RENESAS-HVC306C Datasheet
154Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU300C RENESAS-HVU300C Datasheet
143Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV502KG RENESAS-RKV502KG Datasheet
56Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV502KJ RENESAS-RKV502KJ Datasheet
57Kb / 5P
Variable Capacitance Diode for VHF tuner
RKV501KJ RENESAS-RKV501KJ Datasheet
57Kb / 5P
Variable Capacitance Diode for VHF tuner
HVD328C RENESAS-HVD328C Datasheet
55Kb / 5P
Variable Capacitance Diode for VHF tuner
HVC200A RENESAS-HVC200A Datasheet
240Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU307 RENESAS-HVU307 Datasheet
154Kb / 5P
Variable Capacitance Diode for VHF tuner
HVU327C RENESAS-HVU327C Datasheet
52Kb / 5P
Variable Capacitance Diode for VHF tuner
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com