Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HVC307 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HVC307
Description  Variable Capacitance Diode for VHF tuner
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVC307 Datasheet(HTML) 2 Page - Renesas Technology Corp

  HVC307 Datasheet HTML 1Page - Renesas Technology Corp HVC307 Datasheet HTML 2Page - Renesas Technology Corp HVC307 Datasheet HTML 3Page - Renesas Technology Corp HVC307 Datasheet HTML 4Page - Renesas Technology Corp HVC307 Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
HVC307
Rev.1.00 Feb 10, 2005 page 2 of 4
Absolute Maximum Ratings
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
VR
32
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
−55 to +125
°C
Electrical Characteristics
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
IR1
—
—
10
VR = 30 V
Reverse current
IR2
—
—
100
nA
VR = 30 V, Ta = 60°C
C2
32.2
—
37.5
VR = 2 V, f = 1 MHz
Capacitance
C25
2.57
—
3.00
pF
VR = 25V, f = 1 MHz
Capacitance ratio
n
12.0
12.5
—
—
C2 / C25
Series resistance
rS
—
—
0.85
Ω
VR = 5 V, f = 470 MHz
Matching error
∆C/C *1
—
—
2.00
%
VR = 2 to 25 V, f = 1 MHz
Note:
1. C.C system (Continuous Connected taping system) enable to make any 10 pcs of
∆C/C continuous in a reel ,
expect extention to another group.
Calculate Matching Error,
∆C/C =
× 100 (%)
(Cmax – Cmin)
Cmin



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com