Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLDP Datasheet(PDF) 1 Page - Ashcroft, Inc.

Part # AXLDP
Description  AXLdp Low Differential Pressure Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AXLDP Datasheet(HTML) 1 Page - Ashcroft, Inc.

  AXLDP Datasheet HTML 1Page - Ashcroft, Inc. AXLDP Datasheet HTML 2Page - Ashcroft, Inc. AXLDP Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
of 3
1
AXLdp Low Differential Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Si-Glas™, TruAccuracy™, Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. AXLdp_transducer_ds_RevE_10-21-22
ashcroft.com
| 1.800.328.8258 | Contact Us
FEATURES
UL94-V0 rated PBT case
Calibrated ratiometric output
Low voltage power requirement
Easy mounting to PCBs
Available in differential pressure ranges
below 0.5 in. H
2O
TYPICAL USES
Flow measurements
Room pressure control
Energy management
Fan control
HVAC/R and VAV
KEY BENEFITS
• OEM product
• Broad temperature capability
• High performance ASIC based electronics
• Superior long-term stability and repeatability
• Compact design: 1.18˝ x 1.65˝ x 0.37˝
• 3 year warranty
PERFORMANCE SPECIFICATIONS
ReferenceTemperature: 70 °F ±2 °F (21 °C ±1 °C)
Accuracy:
±2.0%, ±1.0% of span
(
Terminal Point Method: includes non-linearity,
hysteresis, non-repeatability, zero offset and span
setting errors)
Stability:
≤±0.50% span/year
Media
Compatibility:
Clean, dry and non-corrosive gas
NOT FOR USE WITH LIQUIDS
ENVIRONMENTAL SPECIFICATIONS
Temperature
Limits:
Storage:
Operating:
Compensated:
-40 °F to 158 °F (-40 °C to 70 °C)
-4 °F to 140 °F (-20 °C to 60 °C)
37 °F to 127 °F (3 °C to 53 °C)
Thermal Coefficients: Zero: ±0.10% of span/°F (±0.18% span/°C)
Span: ±0.10% of span/°F (±0.18% span/°C)
Humidity Effects:
No performance effect at 10-95% R.H. noncondensing
FUNCTIONAL SPECIFICATIONS
Mounting Position:
Calibration in vertical position (standard)
Overpressure
Limits:
Proof:
Burst:
7.25 psid
11.60 psid
Max. Static Line
Pressure:
11.60 psi
ELECTRICAL SPECIFICATIONS
Output Signal
(Ratiometric):
(10% to 90% of the supplied voltage)
0.5 to 4.5 V with a 5 Vdc supply
Supply Voltage:
4.75 to 5.25 Vdc
PHYSICAL SPECIFICATIONS
Pressure Connection: 3/32˝ I.D. tubing
Mating Electrical
Connection:
JST BHR-03VS-1
Weight:
0.35 oz without leads
Environmental
Rating:
IP20, NEMA 1(meets UL94-V0)
AXLdp
Pressure Transducer
WETTED MATERIAL
Media
Clean, dry air/gases compatible with Silicon, Glass, Gold, Titanium,
Ceramic, Silicone Rubber, Aluminum and PBT
NOT FOR USE WITH LIQUIDS
NON-WETTED
Housing
PBT (meets UL94-VO)


Similar Part No. - AXLDP

ManufacturerPart #DatasheetDescription
logo
Advanced XTAL Products
AXLCM610-AU AXTAL-AXLCM610-AU Datasheet
254Kb / 2P
Langasite Crystal Microbalance Element
2014-06-02
AXLCM620-AU AXTAL-AXLCM620-AU Datasheet
254Kb / 2P
Langasite Crystal Microbalance Element
2014-06-02
AXLE10 AXTAL-AXLE10 Datasheet
55Kb / 2P
TCXO
2005-05-22
AXLE1000 AXTAL-AXLE1000 Datasheet
107Kb / 4P
UHF Temperature Compensated Crystal Oscillator (TCXO)
AXLE10S AXTAL-AXLE10S Datasheet
55Kb / 2P
TCXO with Stratum III stability incl. holdover
2005-05-22
More results

Similar Description - AXLDP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
142PC05D97 HONEYWELL-142PC05D97 Datasheet
60Kb / 1P
PRESSURE TRANSDUCER
162PC01D HONEYWELL-162PC01D Datasheet
72Kb / 1P
LOW PRESSURE TRANSDUCER
logo
Honeywell Accelerometer...
163PC01D36 HONEYWELL-ACC-163PC01D36 Datasheet
74Kb / 1P
LOW PRESSURE TRANSDUCER
logo
Copal Electronics
PA-960 COPAL-PA-960 Datasheet
188Kb / 4P
PRESSURE TRANSDUCER
logo
TE Connectivity Ltd
D5100 TEC-D5100 Datasheet
232Kb / 8P
Industrial Differential Pressure Transducer
MSP340 TEC-MSP340 Datasheet
194Kb / 6P
Pressure Transducer
M3200 TEC-M3200 Datasheet
389Kb / 10P
Pressure Transducer
M3200 TEC-M3200_V01 Datasheet
1Mb / 18P
Pressure Transducer
M3200 TEC-M3200_V02 Datasheet
392Kb / 10P
Pressure Transducer
logo
Sensata Technologies, I...
P4055 SENSATA-P4055 Datasheet
402Kb / 5P
Pressure Transducer
2/7/18
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com