Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXLDP Datasheet(PDF) 2 Page - Ashcroft, Inc.

Part # AXLDP
Description  AXLdp Low Differential Pressure Transducer
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASHCROFT [Ashcroft, Inc.]
Direct Link  https://www.ashcroft.com/
Logo ASHCROFT - Ashcroft, Inc.

AXLDP Datasheet(HTML) 2 Page - Ashcroft, Inc.

  AXLDP Datasheet HTML 1Page - Ashcroft, Inc. AXLDP Datasheet HTML 2Page - Ashcroft, Inc. AXLDP Datasheet HTML 3Page - Ashcroft, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
of 3
2
AXLdp Low Differential Pressure Transducer
Data Sheet
All specifications are subject to change without notice. All sales subject to standard terms and conditions.
Ashcroft®, Si-Glas™, TruAccuracy™, Trust the Shield® are trademarks of Ashcroft Inc.
For more information, see Ashcroft Brands & Trademarks
©2022 Ashcroft Inc. AXLdp_transducer_ds_RevE_10-21-22
ashcroft.com
| 1.800.328.8258 | Contact Us
ORDERING CODE
Example:
AX9
MB3
RM
ST
2IW
Model & Accuracy
AX7 - AXLdp Series, ±1.0% of span
AX9 - AXLdp Series, ±2.0% of span
AX9
Pressure Connection
MB3 - 3 mm tube stube
MB3
Output Signal
RM - 0.5-4.5 Vdc ratiometric output
RM
Electrical Termination
NC - No leads
ST - Leads with JST Connector
ST
Pressure Range Differential
Unidirectional Ranges
P2IW - 0.20 in. H2O
P25IW - 0.25 in. H2O
P5IW - 0.50 in. H2O
P75IW - 0.75 in. H2O
1IW - 1.00 in. H2O
2IW - 2.00 in. H2O
2IW
2P5IW - 2.50 in. H2O
4IW - 4.00 in. H2O
5IW - 5.00 in. H2O
10IW - 10.00 in. H2O
15IW - 15.00 in. H2O
20IW - 20.00 in. H2O
Bi-directional Ranges
P1IWL - ±0.10 in. H2O
P25IWL - ±0.25 in. H2O
P5IWL - ±0.50 in. H2O
1IWL - ±1.00 in. H2O
2IWL - ±2.00 in. H2O
2P5IWL - ±2.50 in. H2O
5IWL - ±5.00 in. H2O
7P5IWL - ±7.50 in. H2O
10IWL - ±10.00 in. H2O
Consult factory for custom calibration ranges and other temperature compensation ranges
Ashcroft’s TruAccuracy™ specification is exclusively based on terminal
point methodology instead of statistically derived schemes like
‘best fit straight line’.
TruAccuracy™ means the Ashcroft AXLdp has ±1.00% of span
accuracy out of the box. Zero and span setting errors are already
included in the ±1.00% of span accuracy spec. 
The AXLdp is ready to be installed with no additional calibration
adjustments required.
A unit from another manufacturer advertised as ±1.00% best fit
straight line may actually be a ±2.00% to ±3.00% device. Using best
fit straight line method, the accuracy spec does not include zero and
span setting errors, which can be as much as ±1.00% each.
What Does It Mean?
Featuring a highly reliable variable capacitance sensor using the
patented Ashcroft® Si-Glas™ sensor. This ultra-thin single crystal
diaphragm provides inherent sensor repeatability and stability.
Ashcroft® Si-Glas™ Sensor Technology
Sensor Cross Section
The silicon diaphragm sensor has no glues or
other organics to contribute to drift or mechanical
degradation over time.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com